Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA5AX Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # ADA3200DIA5AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA5AX Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button ADA3200DIA5AX Datasheet HTML 70Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 71Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 72Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 73Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 74Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 75Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 76Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 77Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
74
AMD Sempron™ Processor
1. Tcase max is the maximum case temperature specification which is a physical value in degrees Celsius. This value
is programmed into Rev D and later processors. Refer to the appropriate functional data sheet, and the
THERM TRIP Status Register in the BIOS and Kernel Developer’s Guide for AMD Athlon™ 64 and
AM D Opteron™ Processors, order# 26094.
2. Tcontrol max (maximum control temperature) is a non physical temperature on an arbitrary scale that can be used
for system thermal management policies. Tcontrol max represents the value at which the processor has reached
Tcase max when measuring the thermal diode with a dual sourcing current temperature sensor. Refer to the
appropriate functional data sheet, and the THERM TRIP Status Register in the BIOS and Kernel Developer’s
Guide for AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094.
3. The VID_VDD voltage is the VID[4:0] requested VDD supply level. Refer to the appropriate functional data
sheet for details.
4. Thermal Design Power (TDP) is measured under the conditions of Tcase M ax, IDD Max, and VDD=VID_VDD,
and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
5. Assumes Tcase max, max P-state VID_VDD, clock divider set to 32.
6. Assumes 50°C, min P-state VID_VDD, clock divider set to 32.
7. Assumes 35°C, VDD, VDDA, and VLDT supplies are off, VDDIO and VTT are powered, memory in self-
refresh mode and DDR SDRAM interface tri-stated except CKE pins. Refer to the appropriate functional data
sheet for complete VDDIO and VTT power supply specifications.
8. Thermal Design Power dissipated by the processor VDDIO, VTT, VLDT, and VDDA power planes only.
9. Thermal Design Power dissipated by the processor VDDIO and VTT power planes only.
10. Refer to the AM D Athlon™ 64 Processor Desktop Power Roadmap, order #26882, for IDD M ax and Thermal
Design Power requirements for future processor revisions.
11. Implementation of this P-state is optional in BIOS.
12. Assumes VDDIO = 2.6 V and VTT = VDDIO / 2. Refer to the appropriate functional data sheet for complete
VDDIO and VTT power supply specifications.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com