Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA5AX Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # ADA3200DIA5AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA5AX Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button ADA3200DIA5AX Datasheet HTML 79Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 80Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 82Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 83Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 84Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 85Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 86Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
83
AMD Turion™ 64 Mobile Technology
1.
The VID_VDD voltage for Low Power M obile parts corresponds to 0 load (0 Amp IDD) conditions for the
VID[4:0] requested VDD supply level. Refer to the AM D Functional Data Sheet, 754 Pin Package, order #31410,
for details.
2.
The VDD_dc Typical Voltage is calculated using the following formula: VDD_dc Typ = VID_VDD – 1.83 mV/A
* IDD M ax. Refer to the AM D Functional Data Sheet, 754 Pin Package, order# 31410, for complete VDD
specifications.
3.
Thermal Design Power (TDP) for Low Power M obile parts is measured under the conditions of Tdie M ax, IDD
M ax, and VDD=VDD_dc Typ, and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and
VDDA. Contact your Field Application Engineer for more information on TDP specifications.
4.
Assumes Tdie max, max P-state VDD_dc Typ +25 mV, clock divider set to 512.
5.
Assumes 50°C, min P-state VID_VDD, clock divider set to 512.
6.
Assumes 35°C, min P-state VID_VDD, clock divider set to 512, HyperTransport™ links disconnected, memory
in self-refresh mode, DDR SDRAM interface tri-stated except clocks and CKE pins.
7.
Assumes 35°C, AltVID, clock divider set to 512, HyperTransport™ links disconnected, memory in self-refresh
mode, DDR SDRAM interface tri-stated except CKE pins. Not all systems are AltVID capable. Refer to the
BIOS and Kernel Developer’s Guide for AM D Athlon™ 64 and AM D Opteron™ Processors, order# 26094 for
further details.
8.
BIOS programs the AltVID setting into Function 3: Offset D8h. Not all systems are AltVID capable. Refer to the
BIOS and Kernel Developer’s Guide for AM D Athlon™ 64 and AM D Opteron™ Processors, order# 26094 for
further details.
9.
Assumes 35°C, VDD, VDDA, and VLDT supplies are off, VDDIO and VTT are powered, memory in self-refresh
mode and DDR SDRAM interface tri-stated except CKE pins.
10. Thermal Design Power dissipated by the processor VDDIO, VTT, VLDT, and VDDA power planes only.
11. Thermal Design Power dissipated by the processor VDDIO and VTT power planes only.
12. Implementation of this P-state is optional in BIOS.
13. Assumes VDDIO = 2.5 V and VTT = VDDIO / 2. Refer to the AM D Functional Data Sheet, 754 Pin Package,
order# 31410 for complete VDDIO and VTT power supply specifications.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com