Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA5AX Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # ADA3200DIA5AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA5AX Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button ADA3200DIA5AX Datasheet HTML 60Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 61Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 62Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 63Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 64Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 65Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 66Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 67Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
64
AMD Sempron™ Processor
The notes for this table appear on page 67.
Parameter/OPN
Notes
M odel Number
CPUID 8000_0001h EBX [11:6]
(BrandID)
1
CPUID 8000_0001h EAX [31:0]
(CPUID)
1
FID/VID Status MaxVID Field
2
FID/VID Status MaxFID Field
2
FID/VID Status StartVID Field
2
FID/VID Status StartFID Field
2
L2 Cache Size
Max P-S tate
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-State #1
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-State #2
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-State #3
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-State #4
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-State #5
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-State #6
5
VID Code / VID_VDD
3
Thermal Design Power
4
Min P-State
VID Code / VID_VDD
3
Thermal Design Power
4
S DA3100AIO3BA
3100+
22h
00010FC0h
04h
0Ah
06h
0Ah
256 KB
1800 M Hz
06h
1.400 V
59.0 W
N/A
N/A
N/A
N/A
N/A
N/A
1000 M Hz
12h
1.100 V
19.0 W
S DA3300AIO2BA
3300+
22h
00010FC0h
04h
0Ch
06h
0Ch
128 KB
2000 MHz
06h
1.400 V
59.0 W
1800 MHz
08h
1.350 V
48.8 W
N/A
N/A
N/A
N/A
N/A
1000 MHz
12h
1.100 V
18.0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com