Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVAL/ISA Datasheet(PDF) 27 Page - Intersil Corporation

Part # HMPVIDEVAL/ISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVAL/ISA Datasheet(HTML) 27 Page - Intersil Corporation

Back Button HMPVIDEVAL/ISA Datasheet HTML 23Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 24Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 25Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 26Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 27Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 28Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 29Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 30Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 31Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
27
FN4643.3
April 19, 2007
TABLE 20. SLICED VBI DATA OUTPUT REGISTER
SUB ADDRESS = 0BH
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7
Sliced Closed
Caption BT.656
Output
Enable
If set to “1”, this bit enables output of sliced closed captioning via BT.656 ancillary data.
Closed captioning must be enabled by the Sliced VBI Data Enable register 0AH.
Access via the I2C interface is always available.
0B
6
Sliced WSS
BT.656 Output
Enable
If set to “1”, this bit enables output of sliced WSS via BT.656 ancillary data.
WSS must be enabled by the Sliced VBI Data Enable register 0AH.
Access via the I2C interface is always available.
0B
5
Sliced Teletext
BT.656 Output
Enable
If set to “1”, this bit enables output of sliced teletext via BT.656 ancillary data.
Teletext data is not available via the I2C interface.
0B
4-1
Reserved
0000B
0
RTCI BT.656
Output Enable
If set to “1”, this bit enables output of RTCI data as BT.656 ancillary data.
0B
TABLE 21. VBI DATA STATUS REGISTER
SUB ADDRESS = 0CH
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7
CC Odd Field
Detect Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, Closed Captioning (CC) data is detected on the odd field.
0B
6
CC Even Field
Detect Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, Closed Captioning (CC) data is detected on the even field.
0B
5
WSS Odd Field
Detect Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, Wide Screen Signalling (WSS) data is detected on the odd field.
0B
4
WSS Even Field
Detect Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, Wide Screen Signalling (WSS) data is detected on the even field.
0B
3
VBI Teletext
Detect Status
This bit is read-only. Data written to this bit is ignored.
If set to “1”, Teletext data is detected during the vertical blanking interval.
0B
2-0
Reserved
000B
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com