Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVAL/ISA Datasheet(PDF) 14 Page - Intersil Corporation

Part # HMPVIDEVAL/ISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVAL/ISA Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HMPVIDEVAL/ISA Datasheet HTML 10Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 11Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 12Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 13Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 14Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 15Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 16Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 17Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
14
FN4643.3
April 19, 2007
8-Bit BT.656 Output
For the BT.656 output mode, data is output following each
rising edge of CLK2. The BT.656 EAV and SAV formats are
shown in Table 5 and the pixel output timing is shown in
Figure 14. The EAV and SAV timing is determined by the
programmed horizontal and vertical blank timing.
BLANK, HSYNC, VSYNC, DVALID, VBIVALID, and FIELD
are output following the rising edge of CLK2.
During the blanking intervals, the YCbCr outputs have a
value of 16 for Y and 128 for Cb and Cr, unless ancillary data
is present.
NOTES:
12. Y0 is the first active luminance pixel of a line. Cb0 and Cr0 are first active chrominance pixels in a line. Cb and Cr will alternate every cycle due
to the 4:2:2 subsampling.
13. BLANK is asserted per Figure 7.
14. DVALID is asserted for every valid pixel during both active and blanking regions.
FIGURE 12. OUTPUT TIMING FOR 16-BIT YCbCr MODE (DVLD_LTC = 0, DVLD_DCYC = 1)
Y0
Cb0
Y1
Cr0
Y2
Cb2
Y3
Cr2
Y4
Cb4
CLK
DVALID
P15-P8
P7-P0
tDVLD
NOTES:
15. BLANK is asserted per Figure 7.
16. DAVLID is asserted for every valid pixel during both active and blanking regions. DVALID is not a 50% duty cycle synchronous output and will
appear to jitter as the Output Sample Rate converter adjusts the output timing for various data rates and clock frequency inputs.
FIGURE 13. OUTPUT TIMING FOR 16-BIT [15-BIT] RGB MODE (DVLD_LTC = 0, DVLD_DCYC = 1)
R0
G0
R1
G0
R2
G2
R3
G2
R4
G4
CLK
DVALID
BLANK
tDVLD
B0
B1
B2
B3
B4
P15-P11
P10-P5
P4-P0
[P9-P5]
[P14-P10]
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com