Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVAL/ISA Datasheet(PDF) 18 Page - Intersil Corporation

Part # HMPVIDEVAL/ISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVAL/ISA Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HMPVIDEVAL/ISA Datasheet HTML 14Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 15Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 16Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 17Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 18Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 19Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 20Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 21Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
18
FN4643.3
April 19, 2007
Teletext
The HMP8117 supports ITU-R BT.653 625-line and 525-line
teletext system B, C and D capture. NABTS (North American
Broadcast Teletext Specification) is the same as BT.653
525-line system C, which is also used to transmit Intel
Intercast™ information. WST (World System Teletext) is the
same as BT.653 system B. Figure 16 shows the basic
structure of a video signal that contains teletext data.
The scan lines containing teletext information are monitored.
If teletext is enabled and teletext data is present, the teletext
data is output as BT.656 ancillary data.
DETECTION OF TELETEXT
The teletext decoder monitors the scan lines, looking for the
16-bit clock run-in (sometimes referred to as the clock
synchronization code) used by teletext. If found, it locks to
the clock run-in, the teletext data is sampled and loaded into
shift registers, and the data is then transferred to internal
holding registers.
If the clock run-in is not found, it is assumed the scan line
contains video data unless other VBI information is detected,
such as WSS.
If a teletext clock run-in is found before line 23 or line 289 for
NTSC and (M) PAL, or line 336 for (B, D, G, H, I, N, NC) PAL,
the VBI Teletext Detect status bit is immediately set to “1”. If not
found by these lines, the status bit is immediately reset to “0”.
ACCESSING THE TELETEXT DATA
The teletext data must be output as BT.656 ancillary data.
The I2C interface does not have the bandwidth to output
teletext information when needed.
Table 8 illustrates the teletext BT.656 ancillary data format
and Figure 15 depicts the portion of the incoming teletext
signal which is sliced and output as part of the ancillary data
stream. The teletext data is present during the horizontal
blanking interval after the line containing the teletext
information. The actual BT.656 bytes that contain teletext
data only contain 4 bits of the actual data packet. Note that
only the data packet of Figure 16 is sent as ancillary data;
the clock run-in is not included in the data stream.
TABLE 7. OUTPUTTING THE SLICED WSS DATA AS BT.656 ANCILLARY DATA
PIXEL OUTPUT
P15
P14
P13
P12
P11
P10
P9
P8
Preamble
0000000
0
1111111
1
1111111
1
Data ID
P14
ep
11001
0 = odd field data
1 = even field data
Data Block Number
P14
ep
00000
1
Data Word Count
P14
ep
00001
0
WSS Data
P14
ep
0000
bit 13
bit 12
P14
ep
0
0
bit 11
bit 10
bit 9
bit 8
P14
ep
0
0
bit 7
bit 6
bit 5
bit 4
P14
ep
0
0
bit 3
bit 2
bit 1
bit 0
WSS CRC
Data
P14
ep
0000
bit 5
bit 4
P14
ep
0
0
bit 3
bit 2
bit 1
bit 0
P14
ep
00000
0
P14
ep
00000
0
CRC
P14
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
NOTES:
28. ep = even parity for P8-P13.
29. WSS CRC data = “00 0000” during PAL operation.
30. CRC = Sum of P8-P14 of Data ID through last user data word. Preset to all zeros, carry is ignored.
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com