Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVAL/ISA Datasheet(PDF) 34 Page - Intersil Corporation

Part # HMPVIDEVAL/ISA
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVAL/ISA Datasheet(HTML) 34 Page - Intersil Corporation

Back Button HMPVIDEVAL/ISA Datasheet HTML 30Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 31Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 32Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 33Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 34Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 35Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 36Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 37Page - Intersil Corporation HMPVIDEVAL/ISA Datasheet HTML 38Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
34
FN4643.3
April 19, 2007
TABLE 45. CLOSED CAPTION_EVEN_B DATA REGISTER
SUB ADDRESS = 23H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-8
Even Field
Caption Data
If even field captioning is enabled and present, this register is loaded with the second eight bits
of caption data on line 281, 284, or 335. Data written to this register is ignored.
80H
TABLE 46. WSS_ODD_A DATA REGISTER
SUB ADDRESS = 24H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Odd Field
WSS Data
If odd field WSS is enabled and present, this register is loaded with the first eight bits of WSS
information on line 17, 20, or 23. Bit 0 corresponds to the first bit of WSS information. Data written
to this register is ignored.
00H
TABLE 47. WSS_ODD_B DATA REGISTER
SUB ADDRESS = 25H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-14
Reserved
00B
13-8
Odd Field
WSS Data
If odd field WSS is enabled and present, this register is loaded with the second six bits of WSS
information on line 17, 20, or 23. Data written to this register is ignored.
000000B
TABLE 48. WSS_CRC_ODD DATA REGISTER
SUB ADDRESS = 26H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-6
Reserved
00B
5-0
Odd Field
WSS CRC Data
If odd field WSS is enabled and present during NTSC operation, this register is loaded with the
six bits of CRC information on line 20. It is always a “000000” during PAL operation. Data written
to this register is ignored.
000000B
TABLE 49. WSS_EVEN_A DATA REGISTER
SUB ADDRESS = 27H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Even Field
WSS Data
If even field WSS is enabled and present, this register is loaded with the first eight bits of WSS
information on line 280, 283, or 336. Bit 0 corresponds to the first bit of WSS information. Data
written to this register is ignored.
00H
TABLE 50. WSS_EVEN_B DATA REGISTER
SUB ADDRESS = 28H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-14
Reserved
00B
13-8
Even Field
WSS Data
If even field WSS is enabled and present, this register is loaded with the second six bits of WSS
information on line 280, 283, or 336. Data written to this register is ignored.
000000B
HMP8117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com