Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3290P Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 69Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 70Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 71Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 72Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 73Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 75Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 360 page
background image
73
8021A–AVR–12/06
ATmega329P/3290P
12.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 12-6.
The alternate pin configuration is as follows:
• OC2A/PCINT15, Bit 7
OC2, Output Compare Match A output: The PB7 pin can serve as an external output for the
Timer/Counter2 Output Compare A. The pin has to be configured as an output (DDB7 set (one))
to serve this function. The OC2A pin is also the output pin for the PWM mode timer function.
PCINT15, Pin Change Interrupt source 15: The PB7 pin can serve as an external interrupt
source.
Table 12-5.
Overriding Signals for Alternate Functions in PA3:PA0
Signal Name
PA3/COM3
PA2/COM2
PA1/COM1
PA0/COM0
PUOE
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN
PUOV
00
00
DDOE
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
PTOE
––
––
DIEOE
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN •
(LCDMUX)
LCDEN
DIEOV
0
0
0
0
DI
––
––
AIO
COM3COM2COM1COM0
Table 12-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC2A/PCINT15 (Output Compare and PWM Output A for Timer/Counter2 or Pin
Change Interrupt15).
PB6
OC1B/PCINT14 (Output Compare and PWM Output B for Timer/Counter1 or Pin
Change Interrupt14).
PB5
OC1A/PCINT13 (Output Compare and PWM Output A for Timer/Counter1 or Pin
Change Interrupt13).
PB4
OC0A/PCINT12 (Output Compare and PWM Output A for Timer/Counter0 or Pin
Change Interrupt12).
PB3
MISO/PCINT11 (SPI Bus Master Input/Slave Output or Pin Change Interrupt11).
PB2
MOSI/PCINT10 (SPI Bus Master Output/Slave Input or Pin Change Interrupt10).
PB1
SCK/PCINT9 (SPI Bus Serial Clock or Pin Change Interrupt9).
PB0
SS/PCINT8 (SPI Slave Select input or Pin Change Interrupt8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com