Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3290P Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 71Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 72Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 73Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 74Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 75Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 76Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 77Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 78Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 360 page
background image
75
8021A–AVR–12/06
ATmega329P/3290P
low. When the SPI is enabled as a Master, the data direction of this pin is controlled by DDB0.
When the pin is forced to be an input, the pull-up can still be controlled by the PORTB0 bit
PCINT8, Pin Change Interrupt Source 8: The PB0 pin can serve as an external interrupt source.
Table 12-7 and Table 12-8 relate the alternate functions of Port B to the overriding signals
shown in Figure 12-5 on page 70. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the
MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT.
Table 12-7.
Overriding Signals for Alternate Functions in PB7:PB4
Signal Name
PB7/OC2A/
PCINT15
PB6/OC1B/
PCINT14
PB5/OC1A/
PCINT13
PB4/OC0A/
PCINT12
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
OC2A ENABLE
OC1B ENABLE
OC1A ENABLE
OC0A ENABLE
PVOV
OC2A
OC1B
OC1A
OC0A
PTOE
––––
DIEOE
PCINT15 • PCIE1
PCINT14 • PCIE1
PCINT13 • PCIE1
PCINT12 • PCIE1
DIEOV
1111
DI
PCINT15 INPUT
PCINT14 INPUT
PCINT13 INPUT
PCINT12 INPUT
AIO
––––
Table 12-8.
Overriding Signals for Alternate Functions in PB3:PB0
Signal Name
PB3/MISO/
PCINT11
PB2/MOSI/
PCINT10
PB1/SCK/
PCINT9
PB0/SS/
PCINT8
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0000
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE
OUTPUT
SPI MSTR
OUTPUT
SCK OUTPUT
0
PTOE
––––
DIEOE
PCINT11 • PCIE1
PCINT10 • PCIE1
PCINT9 • PCIE1
PCINT8 • PCIE1
DIEOV
1111
DI
PCINT11 INPUT
SPI MSTR INPUT
PCINT10 INPUT
SPI SLAVE INPUT
PCINT9 INPUT
SCK INPUT
PCINT8 INPUT
SPI SS
AIO
––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com