Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3290P Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 50Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 51Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 52Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 53Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 54Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 55Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 56Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 57Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 360 page
background image
54
8021A–AVR–12/06
ATmega329P/3290P
10. Interrupts
10.1
Overview
Th is sect ion d e scr i bes t h e sp ecifics of th e int e r r u p t han dling as per f o rm ed in
ATmega329P/3290P. For a general explanation of the AVR interrupt handling, refer to ”Reset
and Interrupt Handling” on page 16.
10.2
Interrupt Vectors
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see ”Boot Loader Support – Read-While-Write Self-Programming” on page 280.
Table 10-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address(2)
Source
Interrupt Definition
1
0x0000(1)
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and JTAG AVR Reset
2
0x0002
INT0
External Interrupt Request 0
3
0x0004
PCINT0
Pin Change Interrupt Request 0
4
0x0006
PCINT1
Pin Change Interrupt Request 1
5
0x0008
TIMER2 COMP
Timer/Counter2 Compare Match
6
0x000A
TIMER2 OVF
Timer/Counter2 Overflow
7
0x000C
TIMER1 CAPT
Timer/Counter1 Capture Event
8
0x000E
TIMER1 COMPA
Timer/Counter1 Compare Match A
9
0x0010
TIMER1 COMPB
Timer/Counter1 Compare Match B
10
0x0012
TIMER1 OVF
Timer/Counter1 Overflow
11
0x0014
TIMER0 COMP
Timer/Counter0 Compare Match
12
0x0016
TIMER0 OVF
Timer/Counter0 Overflow
13
0x0018
SPI, STC
SPI Serial Transfer Complete
14
0x001A
USART, RX
USART0, Rx Complete
15
0x001C
USART, UDRE
USART0 Data Register Empty
16
0x001E
USART, TX
USART0, Tx Complete
17
0x0020
USI START
USI Start Condition
18
0x0022
USI OVERFLOW
USI Overflow
19
0x0024
ANALOG COMP
Analog Comparator
20
0x0026
ADC
ADC Conversion Complete
21
0x0028
EE READY
EEPROM Ready
22
0x002A
SPM READY
Store Program Memory Ready
23
0x002C
LCD
LCD Start of Frame
24(3)
0x002E
PCINT2
Pin Change Interrupt Request 2
25(3)
0x0030
PCINT3
Pin Change Interrupt Request 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com