Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3290P Datasheet(PDF) 84 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 80Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 81Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 82Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 83Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 84Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 85Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 86Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 87Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 360 page
background image
84
8021A–AVR–12/06
ATmega329P/3290P
• SEG – Port G, Bit 2
SEG, LCD front plane 4/4.
• SEG – Port G, Bit 1
SEG, Segment driver 17/13.
• SEG – Port G, Bit 0
SEG, LCD front plane 18/14.
Table 12-21 and Table 12-22 relates the alternate functions of Port G to the overriding signals
shown in Figure 12-5 on page 70.
Table 12-22. Overriding Signals for Alternate Functions in PG4
Signal Name
PG4/T0/
SEG(32/23)
PUOE
LCDEN
PUOV
0
DDOE
LCDEN
DDOV
1
PVOE
0
PVOV
0
PTOE
–
DIEOE
LCDEN • (LCDPM)
DIEOV
0
DI
T0 INPUT
AIO
LCDSEG
Table 12-23. Overriding Signals for Alternate Functions in PG3:0
Signal Name
PG3/T1/
SEG(33/24)
PG2/SEG(4/4)
PG1/SEG(17/13)
PG0/SEG(1814)
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
LCDEN • (LCDPM)
LCDEN
LCDEN • (LCDPM)
LCDEN • (LCDPM)
DIEOV
0000
DI
T1 INPUT
–––
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com