Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3290P Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 84Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 85Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 86Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 87Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 88Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 89Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 90Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 91Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 360 page
background image
88
8021A–AVR–12/06
ATmega329P/3290P
• PCINT28/SEG – Port J, Bit 4
PCINT28, Pin Change Interrupt Source 28: The PE28 pin can serve as an external interrupt
source.
SEG, LCD front plane 29.
• PCINT27/SEG – Port J, Bit 3
PCINT27, Pin Change Interrupt Source 27: The PE27 pin can serve as an external interrupt
source.
SEG, LCD front plane 30.
• PCINT26/SEG – Port J, Bit 2
PCINT26, Pin Change Interrupt Source 26: The PE26 pin can serve as an external interrupt
source.
SEG, LCD front plane 31.
• PCINT25/SEG – Port J, Bit 1
PCINT25, Pin Change Interrupt Source 25: The PE25 pin can serve as an external interrupt
source.
SEG, LCD front plane 34.
• PCINT24/SEG – Port J, Bit 0
PCINT24, Pin Change Interrupt Source 24: The PE24 pin can serve as an external interrupt
source.
SEG, LCD front plane 35.
Table 12-28 on page 88 and Table 12-29 on page 89 relates the alternate functions of Port J to
the overriding signals shown in Figure 12-5 on page 70.
Table 12-28. Overriding Signals for Alternate Functions in PJ7:4
Signal Name
PJ7
PJ6/PCINT30/
SEG27
PJ5/PCINT29/
SEG28
PJ4/PCINT28/
SEG29
PUOE
0
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
0
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
0
PCINT30 • PCIE0
•LCDEN • LCDPM
PCINT29 • PCIE0
•LCDEN • LCDPM
PCINT28 • PCIE0
•LCDEN • LCDPM
DIEOV
0000
DI
––––
AIO
–
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com