Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56364P Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56364P
Description  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364P Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56364P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
Phase Lock Loop (PLL) Characteristics
DSP56364 Technical Data, Rev. 4.1
3-6
Freescale Semiconductor
3.8
Phase Lock Loop (PLL) Characteristics
Table 3-5 Clock Operation
No.
Characteristics
Symbol
Min
Max
1
Frequency of EXTAL (EXTAL Pin Frequency)
The rise and fall time of this external clock should be 3 ns maximum.
Ef
0
100.0
2
EXTAL input high1, 2
• With PLL disabled (46.7%–53.3% duty cycle6)
1 Measured at 50% of the input transition.
2 The maximum value for PLL enabled is given for minimum VCO and maximum MF.
ETH
4.67 ns
∞
• With PLL enabled (42.5%–57.5% duty cycle6)
4.25 ns
157.0
μs
3
EXTAL input low1, 2
• With PLL disabled (46.7%–53.3% duty cycle6)ETL
4.67 ns
∞
• With PLL enabled (42.5%–57.5% duty cycle6)
4.25 ns
157.0
μs
4
EXTAL cycle time2
• With PLL disabled
ETC
10.00 ns
∞
• With PLL enabled
10.00 ns
273.1
μs
Table 3-6 PLL Characteristics
Characteristics
Min
Max
Unit
VCO frequency when PLL enabled (MF × Ef × 2/PDF)
30
200
MHz
PLL external capacitor (PCAP pin to VCCP) (CPCAP
1)
1 C
PCAP is the value of the PLL capacitor (connected between the PCAP pin and VCCP). The recommended value in pF for
CPCAP can be computed from one of the following equations:
(MF x 680)-120, for MF
≤ 4, or
MF x 1100, for MF > 4.
pF
•@ MF
≤ 4(MF × 580) − 100
(MF
× 780) − 140
• @ MF > 4
MF
× 830
MF
× 1470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com