Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56364P Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56364P
Description  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364P Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56364P Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
Interrupt and Mode Control
DSP56364 Technical Data, Rev. 4.1
2-6
Freescale Semiconductor
2.6
Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset.
After RESET is deasserted, these inputs are hardware interrupt request lines.
Table 2-8 Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
MODA/
IRQA
Input
Input
Mode Select A/External Interrupt Request A—MODA/
IRQA is an active-low
Schmitt-trigger input, internally synchronized to the internal system clock.
MODA/
IRQA selects the initial chip operating mode during hardware reset and
becomes a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA, MODB, and MODD select one
of 8 initial chip operating modes, latched into the OMR when the
RESET signal
is deasserted. If
IRQA is asserted synchronous to the internal system clock,
multiple processors can be re synchronized using the WAIT instruction and
asserting
IRQA to exit the wait state. If the processor is in the stop standby state
and
IRQA is asserted, the processor will exit the stop state.
This input is 5 V tolerant.
MODB/
IRQB
Input
Input
Mode Select B/External Interrupt Request B—MODB/
IRQB is an active-low
Schmitt-trigger input, internally synchronized to the internal system clock.
MODB/
IRQB selects the initial chip operating mode during hardware reset and
becomes a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA, MODB, and MODD select one
of 8 initial chip operating modes, latched into OMR when the
RESET signal is
deasserted. If
IRQB is asserted synchronous to the internal system clock,
multiple processors can be re-synchronized using the WAIT instruction and
asserting
IRQB to exit the wait state.
This input is 5 V tolerant.
MODD/
IRQD
Input
Input
Mode Select D/External Interrupt Request D—MODD/
IRQD is an active-low
Schmitt-trigger input, internally synchronized to the internal system clock.
MODD/
IRQD selects the initial chip operating mode during hardware reset and
becomes a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA, MODB, and MODD select one
of 8 initial chip operating modes, latched into OMR when the
RESET signal is
deasserted. If
IRQD is asserted synchronous to the internal system clock,
multiple processors can be re synchronized using the WAIT instruction and
asserting
IRQD to exit the wait state.
This input is 5 V tolerant.
RESET
Input
Input
Reset—
RESET is an active-low, Schmitt-trigger input. When asserted, the chip
is placed in the reset state and the internal phase generator is reset. The
Schmitt-trigger input allows a slowly rising input (such as a capacitor charging) to
reset the chip reliably. When the
RESET signal is deasserted, the initial chip
operating mode is latched from the MODA, MODB, and MODD inputs. The
RESET signal must be asserted during power up. A stable EXTAL signal must
be supplied before deassertion of
RESET.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com