Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56364P Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56364P
Description  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364P Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56364P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-17
Figure 3-11 DRAM Page Mode Wait States Selection Guide
Table 3-9 DRAM Page Mode Timings, One Wait State (Low-Power Applications)1, 2, 3
No.
Characteristics
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max
131
Page mode cycle time for two
consecutive accesses of the same
direction
tPC
2
× T
C
100.0
—
66.7
—
ns
Page mode cycle time for mixed (read
and write) accesses
1.25
× T
C
62.5
—
41.7
—
132
CAS assertion to data valid (read)
tCAC
TC − 7.5
—
42.5
—
25.8
ns
133
Column address valid to data valid
(read)
tAA
1.5
× T
C − 7.5
—
67.5
—
42.5
ns
Chip Frequency
(MHz)
DRAM Type
(tRAC ns)
100
80
70
60
40
66
80
100
1 Wait States
2 Wait States
3 Wait States
4 Wait States
Note: This figure should be use for primary selection. For
exact and detailed timings see the following tables.
AA0472
50
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com