Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 26 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 22Page - Texas Instruments AM263P2 Datasheet HTML 23Page - Texas Instruments AM263P2 Datasheet HTML 24Page - Texas Instruments AM263P2 Datasheet HTML 25Page - Texas Instruments AM263P2 Datasheet HTML 26Page - Texas Instruments AM263P2 Datasheet HTML 27Page - Texas Instruments AM263P2 Datasheet HTML 28Page - Texas Instruments AM263P2 Datasheet HTML 29Page - Texas Instruments AM263P2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
L3
GPIO75
UART1_RXD_CFG_REG
0x5310 012C
0x0000 05F7
UART1_RXD
0
I
On / Off / Off
On / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN1_RXD
1
IO
EPWM16_A
5
O
GPIO75
7
IO
EPWM16_A
10
O
EPWM10_A
11
O
M3
GPIO76
UART1_TXD_CFG_REG
0x5310 0130
0x0000 05F7
UART1_TXD
0
O
On / Off / Off
On / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN1_TXD
1
IO
EPWM16_B
5
O
GPIO76
7
IO
EPWM16_B
10
O
A13
A13
A13
I2C0_SCL
I2C0_SCL_CFG_REG
0x5310 021C
0x0000 05F7
I2C0_SCL
0
IOD
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
I2C OD
GPIO135
7
IOD
EQEP2_B
8
ID
SDFM1_CLK3
9
ID
B13
B13
B13
I2C0_SDA
I2C0_SDA_CFG_REG
0x5310 0218
0x0000 05F7
I2C0_SDA
0
IOD
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
I2C OD
GPIO134
7
IOD
EQEP2_A
8
ID
SDFM1_CLK2
9
ID
D7
D7
D7
I2C1_SCL
I2C1_SCL_CFG_REG
0x5310 005C
0x0000 05F7
I2C1_SCL
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI3_CS0
2
IO
XBAROUT7
5
O
GPIO23
7
IO
C8
C8
C8
I2C1_SDA
I2C1_SDA_CFG_REG
0x5310 0060
0x0000 05F7
I2C1_SDA
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI3_CLK
2
IO
XBAROUT8
5
O
GPIO24
7
IO
A9
A9
LIN1_RXD
LIN1_RXD_CFG_REG
0x5310 004C
0x0000 05F7
LIN1_RXD
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RXD
1
I
SPI2_CS0
2
IO
OSPI0_ECC_FAIL
3
I
XBAROUT5
5
O
GPIO19
7
IO
OSPI0_RESET_OUT1
8
O
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com