Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 14 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 10Page - Texas Instruments AM263P2 Datasheet HTML 11Page - Texas Instruments AM263P2 Datasheet HTML 12Page - Texas Instruments AM263P2 Datasheet HTML 13Page - Texas Instruments AM263P2 Datasheet HTML 14Page - Texas Instruments AM263P2 Datasheet HTML 15Page - Texas Instruments AM263P2 Datasheet HTML 16Page - Texas Instruments AM263P2 Datasheet HTML 17Page - Texas Instruments AM263P2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 164 page
background image
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– Low: The output buffer is enabled and drives VOL.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, or "-" means Not Applicable.
7. Ball State After Reset (RX/TX/PULL): State of the terminal after PORz is deasserted, where RX defines the
state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of internal pull
resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– SS: The subsystem selected with MUXMODE determines the output buffer state.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, NA, or "-" means Not Applicable.
8. Mux Mode After Reset: The value found in this column defines the default pin multiplexed signal function
after PORz is deasserted.
• An empty box, NA, or "-" means Not Applicable.
9. I/O Voltage: This column describes I/O operating voltage options of the respective power supply, when
applicable.
• An empty box, NA, or "-" means Not Applicable.
For more information, see valid operating voltage range defined for each power supply in Recommended
Operating Conditions.
10. Power: The power supply of the associated I/O, when applicable.
• An empty box, NA, or "-" means Not Applicable.
11. Hys: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: Hysteresis Support
• No: No Hysteresis Support
• An empty box, NA, or "-" means Not Applicable.
For more information, see the hysteresis values in Electrical Characteristics.
12. Pull Type: Indicates the presence of an internal pull-up or pull-down resistor. Internal resistors can be
enabled or disabled via software.
• PU: Internal pull-up Only
• PD: Internal pull-down Only
• PU/PD: Internal pull-up and pull-down
• An empty box, NA, or "-" means No internal pull.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com