Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 81 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 81 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 77Page - Texas Instruments AM263P2 Datasheet HTML 78Page - Texas Instruments AM263P2 Datasheet HTML 79Page - Texas Instruments AM263P2 Datasheet HTML 80Page - Texas Instruments AM263P2 Datasheet HTML 81Page - Texas Instruments AM263P2 Datasheet HTML 82Page - Texas Instruments AM263P2 Datasheet HTML 83Page - Texas Instruments AM263P2 Datasheet HTML 84Page - Texas Instruments AM263P2 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 164 page
background image
6.8.2.2 Resolver Analog-to-Digital Converter (ADC_R)
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VREFHI
1.71
1.8
1.89
V
Input Conversion Range (Vin+,
Vin-)
Must be < VDDA33
0
33/18 × VREFHI
V
Power-up time
500
µs
Gain error
–5
±3
5 LSBs
Offset error
–4
±2
4 LSBs
Channel-to-channel gain error
±4
LSBs
Channel-to-channel offset error
±2
LSBs
ADC-to-ADC gain error
Same reference group
±4
LSBs
ADC-to-ADC offset error
Same reference group
±2
LSBs
DNL
Controlled environment to minimize input noise
–1
±0.5
1 LSBs
INL
Controlled environment to minimize input noise
–2
±1.0
2 LSBs
SNR
Controlled environment to minimize input noise
68
dB
ENOB (Synchronous Operation)
11
bits
ENOB (Asynchronous Operation)
9.7
bits
ADC-to-ADC isolation
Synchronous operation
–10
10 LSBs
VREFHI input current
500
µA
Conversion time
333
ns
Parasitic Input Capacitance (Cp)(1)
7
pF
Sample/Hold Resistance (Ron)(1)
1.2
kΩ
Sample/Hold Capacitance (Ch)(1)
8
pF
Input Leakage
–1.2
0.1
1.2
µA
Power supply (VDDA33)
3.13
3.3
3.46
V
Power supply (VDDA18)
1.71
1.8
1.89
V
Power Consumption (VDDA33)
200
µA
Power Consumption (VDDA18)
500
µA
(1)
See ADC Input Model
6.8.2.3 ADC Input Model
SW
Ron
Cp
Ch
ADC
ADCINx
VREFLO
Figure 6-1. ADC Input Model
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com