Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 66 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 62Page - Texas Instruments AM263P2 Datasheet HTML 63Page - Texas Instruments AM263P2 Datasheet HTML 64Page - Texas Instruments AM263P2 Datasheet HTML 65Page - Texas Instruments AM263P2 Datasheet HTML 66Page - Texas Instruments AM263P2 Datasheet HTML 67Page - Texas Instruments AM263P2 Datasheet HTML 68Page - Texas Instruments AM263P2 Datasheet HTML 69Page - Texas Instruments AM263P2 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 164 page
background image
Table 5-91. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MMC0_D1
IO
MMC/SD Data
B4
B4
B4
MMC0_D2
IO
MMC/SD Data
A3
A3
A3
MMC0_D3
IO
MMC/SD Data
A2
A2
A2
5.3.17 OSPI (Shared)
Table 5-92. OSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
OSPI0_CLK
O
OSPI Clock
L2, N2
L2, N2
L2
OSPI0_CLKLB (2)
IO
OSPI Clock Loopback
LB
LB
LB
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock input
M1, M3
M1, M3
M1
OSPI0_ECC_FAIL
I
OSPI ECC Failure Status Pin
A9, H1, K3
A9, H1, K3
K3
OSPI0_LBCLKO (1)
O
OSPI Loopback Clock output
L3
L3
OSPI0_CSn0
O
OSPI Chip Select 0
H1, P1
H1, P1
H1
OSPI0_CSn1
O
OSPI Chip Select 1
R3
R3
OSPI0_D0
IO
OSPI Data bit 0 (SOP0)
N1, P1
N1, P1
P1
OSPI0_D1
IO
OSPI Data bit 1 (SOP1)
J1, N4
J1, N4
J1
OSPI0_D2
IO
OSPI Data bit 2
L1, M4
L1, M4
L1
OSPI0_D3
IO
OSPI Data bit 3
K4, P3
K4, P3
K4
OSPI0_D4
IO
OSPI Data bit 4
M1, P3
M1, P3
P3
OSPI0_D5
IO
OSPI Data bit 5
K2, L1
K2, L1
K2
OSPI0_D6
IO
OSPI Data bit 6
L2, M4
L2, M4
M4
OSPI0_D7
IO
OSPI Data bit 7
J4, K1
J4, K1
J4
OSPI0_RESET_OUT0
O
OSPI Reset Out 0
B9, J1, J3
B9, J1, J3
J3
OSPI0_RESET_OUT1
O
OSPI Reset Out 1
A9, H1
A9, H1
(1)
OSPI0_LBCLKO is a clock loopback output signal used for peripheral timing.
(2)
OSPI0_CLKLB is a clock loopback signal used internally for retiming purposes.
5.3.18 Power Supply
Table 5-93. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
VDD
PWR
1.2V Core supply
E11, E9, F11,
F9, G13, G14,
G5, G6, K13,
K14, K5, K6,
N13, N14, N5,
N6, R9
E11, E9, F11,
F9, G13, G14,
G5, G6, K13,
K14, K5, K6,
N13, N14, N5,
N6, R9
E11, E9, F11,
F9, G13, G14,
G5, G6, K13,
K14, K5, K6,
N13, N14, N5,
N6, R9
VDDA18
PWR
1.8V Analog supply
R11, R8
R11, R8
R11, R8
VDDA18_LDO (1) (2)
PWR
1.8V Analog LDO Output
R6
R6
R6
VDDA18_OSC_PLL
PWR
1.8V OSC PLL supply
R4
R4
R4
VDDA33
PWR
3.3V Analog supply
P11, P7, P9
P11, P7, P9
P11, P7, P9
VDDAR1
PWR
1.2V SRAM Array supply
J15
J15
J15
VDDAR2
PWR
1.2V SRAM Array supply
D10
D10
D10
VDDAR3
PWR
1.2V SRAM Array supply
H3
H3
H3
VDDS18
PWR
1.8V IO supply
D6, E15, L4,
N15
D6, E15, L4,
N15
D6, E15, L4,
N15
VDDS18_LDO (1) (3)
PWR
1.8V Digital LDO Output
T3
T3
T3
VDDS33
PWR
3.3V IO supply
D12, D8, H15,
H4, L15, P4,
R15
D12, D8, H15,
H4, L15, P4,
R15
D12, D8, H15,
H4, L15, P4,
R15
VPP
PWR
eFuse ROM programming supply
N3
N3
N3
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
66
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com