Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 75 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 71Page - Texas Instruments AM263P2 Datasheet HTML 72Page - Texas Instruments AM263P2 Datasheet HTML 73Page - Texas Instruments AM263P2 Datasheet HTML 74Page - Texas Instruments AM263P2 Datasheet HTML 75Page - Texas Instruments AM263P2 Datasheet HTML 76Page - Texas Instruments AM263P2 Datasheet HTML 77Page - Texas Instruments AM263P2 Datasheet HTML 78Page - Texas Instruments AM263P2 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 164 page
background image
6.2 Electrostatic Discharge (ESD) Extended Automotive Ratings
over recommended operating conditions (unless otherwise noted)
VALUE
UNIT
V(ESD)
Electrostatic
Discharge
(ESD)
Human body model (HBM), per AEC-Q100-002(1)
±2000
V
Charged device model (CDM), per AEC-
Q100-011
All pins
±500
Corner balls
(A1, A18, V1, V18)
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification
6.3 Electrostatic Discharge (ESD) Industrial Ratings
over recommended operating conditions (unless otherwise noted)
VALUE
UNIT
V(ESD)
Electrostatic
Discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.4 Power-On Hours (POH) Summary
over recommended operating conditions (unless otherwise noted)(1) (2) (3)
PARAMETER
INDUSTRIAL
EXTENDED AUTOMOTIVE
Operating Junction Temperature (Tj)
–40
℃ to 105℃
–40
℃ to 150℃
POH @ Temp Profile
100K @ 97
℃ (100% @ 97℃)
70K @ 105
℃ (100% @ 105℃)
20K @ Automotive Temp Profile(4)
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in the device at the noted
temperatures.
(3)
POH is a function of voltage, temperature, and time. Usage at higher voltages and temperatures will result in a reduction in POH.
(4)
See Automotive Temperature Profile section
6.4.1 Automotive Temperature Profile
TJ (℃)
HOURS
DAYS
YEARS
PERCENT OF TIME
–40
1200
~50
~0.14
6%
75
4000
~167
~0.46
20%
95
13000
~541
~1.48
65%
130
1600
~67
~0.18
8%
150
200
~8.5
~0.023
1%
Total
20000
~833
~2.28
100%
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com