Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC08AS32CAFN Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC68HC08AS32CAFN
Description  Microcontrollers
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AS32CAFN Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AS32CAFN Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 296 page
background image
MC68HC08AS32A — Rev. 1.1
Data Sheet
Freescale Semiconductor
27
PTE4/SS
General-purpose I/O
SPI slave select
Dual state
Yes
Input, Hi-Z
PTE3/TCH1
General-purpose I/O
timer channel 1
Dual state
Yes
Input, Hi-Z
PTE2/TCH0
General-purpose I/O
timer channel 0
Dual state
Yes
Input, Hi-Z
PTE1/RxD
General-purpose I/O
SCI receive data
Dual state
Yes
Input, Hi-Z
PTE0/TxD
General-purpose I/O
SCI transmit data
Dual state
Yes
Input, Hi-Z
PTF3/TCH5
General-purpose I/O
timer channel 5
Dual state
Yes
Input, Hi-Z
PTF2/TCH4
General-purpose I/O
timer channel 4
Dual state
Yes
Input, Hi-Z
PTF1/TCH3
General-purpose I/O
timer channel 3
Dual state
Yes
Input, Hi-Z
PTF0/TCH2
General-purpose I/O
timer channel 2
Dual state
Yes
Input, Hi-Z
VDD
Chip power supply
N/A
N/A
N/A
VSS
Chip ground
N/A
N/A
N/A
VDDA/VDDAREF
Analog power supply
(CGM and ADC)
N/A
N/A
N/A
VSSA/VREFL
Analog ground
A/D reference voltage
N/A
N/A
N/A
VREFH
A/D reference voltage
N/A
N/A
N/A
OSC1
External clock in
N/A
N/A
Input, Hi-Z
OSC2
External clock out
N/A
N/A
Output
CGMXFC
PLL loop filter cap
N/A
N/A
N/A
IRQ
External interrupt request
N/A
N/A
Input, Hi-Z
RST
Reset
N/A
N/A
Output low
BDRxD
BDLC-D serial input
N/A
No
Input, Hi-Z
BDTxD
BDLC-D serial output
Output
No
Output low
Table 1-1. External Pins Summary (Continued)
Pin Name
Function
Driver Type
Hysteresis
Reset State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com