Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC08AS32CAFN Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC68HC08AS32CAFN
Description  Microcontrollers
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AS32CAFN Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AS32CAFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 296 page
background image
MC68HC08AS32A — Rev. 1.1
Data Sheet
Freescale Semiconductor
79
Figure 4-13. J1850 VPW Bitwise Arbitrations
Since a logic 0 dominates a logic 1, the message with the lowest value will have
the highest priority and will always win arbitration. For instance, a message with
priority 000 will win arbitration over a message with priority 011.
This method of arbitration will work no matter how many bits of priority encoding
are contained in the message.
During arbitration, or even throughout the transmitting message, when an opposite
bit is detected, transmission is stopped immediately unless it occurs on the 8th bit
of a byte. In this case, the BDLC automatically will append up to two extra logic 1
bits and then stop transmitting. These two extra bits will be arbitrated normally and
thus will not interfere with another message. The second logic 1 bit will not be sent
if the first loses arbitration. If the BDLC has lost arbitration to another valid
message, then the two extra logic 1s will not corrupt the current message.
However, if the BDLC has lost arbitration due to noise on the bus, then the two
extra logic 1s will ensure that the current message will be detected and ignored as
a noise-corrupted message.
4.5 BDLC Protocol Handler
The protocol handler is responsible for framing, arbitration, CRC
generation/checking, and error detection. The protocol handler conforms to SAE
J1850 — Class B Data Communications Network Interface.
NOTE:
Freescale assumes that the reader is familiar with the J1850 specification before
this protocol handler description is read.
TRANSMITTER A
TRANSMITTER B
J1850 BUS
SOF
DATA
BIT 1
DATA
BIT 4
DATA
BIT 5
0
TRANSMITTER A DETECTS
AN ACTIVE STATE ON
THE BUS AND STOPS
TRANSMITTING
TRANSMITTER B WINS
PASSIVE
ACTIVE
PASSIVE
ACTIVE
PASSIVE
ACTIVE
0
0
1
1
1
DATA
BIT 2
1
1
1
DATA
BIT 3
0
0
0
0
1
ARBITRATION AND
CONTINUES
TRANSMITTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com