Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC08AS32CAFN Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MC68HC08AS32CAFN
Description  Microcontrollers
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AS32CAFN Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AS32CAFN Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 296 page
background image
MC68HC08AS32A — Rev. 1.1
Data Sheet
Freescale Semiconductor
49
2.5.2.3 EEPROM Non-Volatile Register
The contents of this register is loaded into the EEPROM array configuration
register (EEACR) after a reset.
This register is erased and programmed in the same way as an EEPROM byte.
See 2.5.2.1 EEPROM Control Register for individual bit descriptions.
NOTE:
The EENVR will leave the factory programmed with $F0 such that the full array is
available and unprotected.
Table 2-5. EEPROM Block Protect and Security Summary
Address
Range
EEBPx
EEPRTCT = 1
EEPRTCT = 0
$0800—$087F
EEBP0 = 0
Byte programming available
Bulk, block, and byte
erasing available
Byte programming available
Only byte erasing available
EEBP0 = 1
Protected
Protected
$0880–$08EF
EEBP1 = 0
Byte programming available
Bulk, block, and byte erasing
available
Byte programming available
Only byte erasing available
EEBP1 = 1
Protected
Protected
$08F0—$08FF
EEBP1 = 0
Byte programming available
Bulk, block, and byte erasing
available
Secured
(no programming or erasing)
EEBP1 = 1
Protected
$0900–$097F
EEBP2 = 0
Byte programming available
Bulk, block, and byte erasing
available
Byte programming available
Only byte erasing available
EEBP2 = 1
Protected
Protected
$0980–$09FF
EEBP3 = 0
Byte programming available
Bulk, block, and byte erasing
available
Byte programming available
Only byte erasing available
EEBP3 = 1
Protected
Protected
Address: $FE1C
Bit 7
6
5
4
3
2
1
Bit 0
Read:
UNUSED
UNUSED
UNUSED
EEPRTCT
EEBP3
EEBP2
EEBP1
EEBP0
Write:
Reset:
Programmed value or 1 in the erased state
Figure 2-5. EEPROM Non-Volatile Register (EENVR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com