Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC08AS32CAFN Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MC68HC08AS32CAFN
Description  Microcontrollers
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AS32CAFN Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AS32CAFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 296 page
background image
Data Sheet
MC68HC08AS32A — Rev. 1.1
78
Freescale Semiconductor
Valid SOF Symbol
In Figure 4-11(4), if the active-to-passive received transition beginning the next
data bit (or symbol) occurs between c and d, the current symbol would be
considered a valid SOF symbol.
Valid BREAK Symbol
In Figure 4-12, if the next active-to-passive received transition does not occur
until after e, the current symbol will be considered a valid BREAK symbol. A
BREAK symbol should be followed by a start-of-frame (SOF) symbol beginning
the next message to be transmitted onto the J1850 bus. See 4.4.2 J1850 Frame
Format for BDLC response to BREAK symbols.
Figure 4-12. J1850 VPW Received BREAK Symbol Times
4.4.5 Message Arbitration
Message arbitration on the J1850 bus is accomplished in a non-destructive
manner, allowing the message with the highest priority to be transmitted, while any
transmitters which lose arbitration simply stop transmitting and wait for an idle bus
to begin transmitting again.
If the BDLC wants to transmit onto the J1850 bus, but detects that another
message is in progress, it waits until the bus is idle. However, if multiple nodes
begin to transmit in the same synchronization window, message arbitration will
occur beginning with the first bit after the SOF symbol and will continue with each
bit thereafter.
The variable pulse width modulation (VPW) symbols and J1850 bus electrical
characteristics are chosen carefully so that a logic 0 (active or passive type) will
always dominate over a logic 1 (active or passive type) that is simultaneously
transmitted. Hence, logic 0s are said to be dominant and logic 1s are said to be
recessive.
Whenever a node detects a dominant bit on BDRxD when it transmitted a
recessive bit, the node loses arbitration and immediately stops transmitting. This is
known as bitwise arbitration.
(2) VALID BREAK SYMBOL
240 µs
e
ACTIVE
PASSIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com