Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82816PVCAR Datasheet(PDF) 20 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 17Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 18Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 19Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
1
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
TPSM82816PVCA
FPWM
Figure 8-8. Efficiency VIN = 5.0 V and TA = 85°C
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
1
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
TPSM82816SIE
FPWM
Figure 8-9. Efficiency VIN = 5.0 V and TA = 85°C
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
1
VOUT = 0.6V
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
TPSM82816PVCA
FPWM
Figure 8-10. Efficiency VIN = 3.3 V and TA = 85°C
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
1
VOUT = 0.6V
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
TPSM82816SIE
FPWM
Figure 8-11. Efficiency VIN = 3.3 V and TA = 85°C
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
1
VOUT = 0.6V
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
TPSM82816PVCA
FPWM
Figure 8-12. Efficiency VIN = 2.7 V and TA = 85°C
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
1
VOUT = 0.6V
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
TPSM82816SIE
FPWM
Figure 8-13. Efficiency VIN = 2.7 V and TA = 85°C
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com