Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82816PVCAR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
7 Detailed Description
7.1 Overview
The TPSM8281x synchronous switch mode DC/DC converter power modules are based on a fixed-frequency
peak current-mode control topology. The control loop is internally compensated. To optimize the bandwidth of
the control loop to the wide range of output capacitance that can be used with the TPSM8281x, one of two
internal compensation settings can be selected. See COMP/FSET. The compensation setting is selected either
by a resistor from COMP/FSET to GND or by the logic state of this pin. The regulation network achieves fast and
stable operation with small external components and low-ESR ceramic output capacitors.
The device supports forced fixed frequency operation (FPWM) with the MODE/SYNC pin tied to a logic high
level. The frequency is defined as either 2.25 MHz (internally fixed when COMP/FSET is tied to GND or VIN)
or in a range of 1.8 MHz to 4 MHz (defined by a resistor from COMP/FSET to GND). Alternatively, the device
can be synchronized to an external clock signal in a range from 1.8 MHz to 4 MHz, applied to the MODE/SYNC
pin with no need for additional passive components. An internal PLL allows the device to change from internal
clock to external clock during operation. The synchronization to the external clock is done on the falling edge
of the clock applied at MODE/SYNC to the rising edge on the internal SW node. When the MODE/SYNC pin
is set to a logic low level, the device operates in power save mode (PSM). At low output current, the device
operates in PFM mode and automatically transitions to fixed-frequency PWM mode at higher output current. In
PFM operation, the switching frequency decreases linearly based on the load to sustain high efficiency down to
very low output current (see Power Save Mode Operation (PSM) for more details).
The TPSM8281xP versions in the VCA package utilize MagPack technology to deliver the highest-performance
power module design. Leveraging our proprietary integrated-magnetics packaging technology, MagPack
(magnetics in package) power modules deliver industry-leading power density, high efficiency and good thermal
performance, ease of use, and reduced EMI emissions.
7.2 Functional Block Diagram
+
-
GND
VIN
EN
Oscillator
Gate Drive and Control
Device
Control
PG
Thermal
shutdown
Bias
Regulator
gm
Ipeak
VREF
SS/TR
COMP/FSET
MODE/SYNC
Izero
–
–
L
FB
Output
Discharge
RDis
VOUT
SW
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com