Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82816PVCAR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 4 Page - Texas Instruments

  TPSM82816PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
5 Pin Configuration and Functions
TOP VIEW
BOTTOM VIEW
VIN
GND
GND
VOUT
EN
PG
FB
GND
VIN
VIN
GND
VIN
GND
GND
VOUT
EN
PG
FB
GND
VIN
VIN
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Figure 5-1. uSiP 14-Pin SIE Package
TOP VIEW
BOTTOM VIEW
SW
8
9
10
11
1
6
5
4
3
2
7
13
12
SW
8
9
10
11
1
6
5
4
3
2
7
GND
VIN
13
12
GND
VIN
Figure 5-2. QFN 13-Pin VCA Package
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SIE
VCA
EN
2
9
I
This pin is the enable pin of the device. Connect to logic low to disable the device.
Pull high to enable the device. Do not leave this pin unconnected.
FB
7
3
I
Voltage feedback input. Connect the output voltage resistor divider to this pin.
GND
6, 10, 13, 14
2, 6, 12
Ground pin
MODE/
SYNC
4
11
I
The device runs in PSM (auto PFM/PWM transition) mode when this pin is pulled
low. When the pin is pulled high, the device runs in forced PWM mode. Do not
leave this pin unconnected. The MODE/SYNC pin can also be used to synchronize
the device to an external frequency. See Synchronizing to an External Clock.
COMP/
FSET
9
5
I
Device compensation and frequency set input. A resistor from this pin to GND
defines the compensation of the control loop as well as the switching frequency if
not externally synchronized. The switching frequency is set to 2.25 MHz if the pin is
tied to GND or VIN. Spread spectrum is also enabled and disabled by this pin. See
COMP/FSET. Do not leave this pin unconnected.
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com