Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82816PVCAR Datasheet(PDF) 24 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
8.3 System Examples
8.3.1 Voltage Tracking
The SS/TR pin is externally driven by another voltage source to achieve output voltage tracking. The application
circuit is shown in Figure 8-30. From 0 V to 0.6 V, the internal reference voltage to the internal error amplifier
follows the SS/TR pin voltage. When the SS/TR pin voltage is above 0.6 V, the voltage tracking is disabled and
the FB pin voltage is regulated at 0.6 V. The device achieves ratiometric, as shown in Figure 8-31 or coincidental
(simultaneous) output tracking, as shown in Figure 8-31.
The R2 value must be set properly to achieve accurate voltage tracking by taking the 10-μA charging current into
account. 1 kΩ or smaller is a sufficient value for R2. For decreasing SS/TR pin voltage, the device does not sink
current from the output when the device is in PSM. The resulting decrease of the output voltage can be slower
than the SS/TR pin voltage if the load is light.
In case both devices need to run in forced PWM mode after start-up, TI recommends to tie the MODE/SYNC pin
of the secondary device to the output voltage or the power-good signal of the primary device. The TPSM8281x
has a duty cycle limitation defined by the minimum on time. For tracking down to low output voltages, the
secondary device cannot follow after the minimum duty cycle is reached. Enabling FPWM mode while tracking is
in progress allows the user to ramp down the output voltage close to 0 V.
When driving the SS/TR pin with an external voltage, do not exceed the voltage rating of the SS/TR pin.
Vout1
Vout2
SS/TR
FB
R1
R2
R3
R4
TPSM8281x
Figure 8-30. Schematic for Output Voltage Tracking
VOUT1
VOUT2
Time [s]
R3
R4
R1
R2
<
Figure 8-31. Ratiometric Voltage Tracking
VOUT1
VOUT2
Time [s]
R3
R4
R1
R2
=
Figure 8-32. Coincidental Voltage Tracking
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com