Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82816PVCAR Datasheet(PDF) 33 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 35Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 36Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
www.ti.com
PACKAGE OUTLINE
3.1
2.9
2.6
2.4
2.0
1.9
3X 0.96
0.76
1.28
1.08
6X 0.65
0.45
4X 0.4
0.3
6X 0.3
0.2
2X 1.25
1.15
3X 0.25 0.05
0.6
0.5
0.36
.000 PKG
0
0.36
(0.2) TYP
(0.125) TYP
QFN-FCMOD - 2 mm max height
VCA0013A
PLASTIC QUAD FLATPACK - NO LEAD
4230172/C 03/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
1
2
6
7
11
8
12
13
PIN 1 ID
(45 X 0.2)
SCALE 4.000
A
B
C
www.ti.com
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com