Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 22Page - STMicroelectronics SMC032BFY6 Datasheet HTML 23Page - STMicroelectronics SMC032BFY6 Datasheet HTML 24Page - STMicroelectronics SMC032BFY6 Datasheet HTML 25Page - STMicroelectronics SMC032BFY6 Datasheet HTML 26Page - STMicroelectronics SMC032BFY6 Datasheet HTML 27Page - STMicroelectronics SMC032BFY6 Datasheet HTML 28Page - STMicroelectronics SMC032BFY6 Datasheet HTML 29Page - STMicroelectronics SMC032BFY6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
Command Interface
SMCxxxBF
26/91
5.2
Common Memory Read and Write
Figure 4.
Common Memory Read waveforms
1.
DOUT means data provided by the CompactFlash Memory Card to the system.
AI10083b
VALID
Address Inputs
D0 to D15 (DOUT)
VALID
–REG
–CE2/–CE1
–OE
tsu(A)
tsu(CE)
th(A)
th(CE)
tdis(OE)
tv(WT)
ta(OE)
Table 18.
Common Memory Read timing(1)
Cycle Time Mode
250ns
120ns
100ns
80ns
Unit
Symbol
IEEE
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
ta(OE)
tGLQV
Output Enable Access Time
125
60
50
45
ns
tdis(OE)
tGHQZ
Output Disable Time from OE
100
60
50
45
ns
tsu(A)
tAVGL
Address Setup Time
30
15
10
10
ns
th(A)
tGHAX
Address Hold Time
20
15
15
10
ns
tsu(CE)
tELGL
CE Setup Time
00
00
ns
th(CE)
tGHEH
CE Hold Time
20
15
15
10
ns
1.
ST CF does not assert the WAIT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com