Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SMC032BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SMC032BFY6 Datasheet HTML 47Page - STMicroelectronics SMC032BFY6 Datasheet HTML 48Page - STMicroelectronics SMC032BFY6 Datasheet HTML 49Page - STMicroelectronics SMC032BFY6 Datasheet HTML 50Page - STMicroelectronics SMC032BFY6 Datasheet HTML 51Page - STMicroelectronics SMC032BFY6 Datasheet HTML 52Page - STMicroelectronics SMC032BFY6 Datasheet HTML 53Page - STMicroelectronics SMC032BFY6 Datasheet HTML 54Page - STMicroelectronics SMC032BFY6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
SMCxxxBF
CF-ATA registers
51/91
9.8
Drive/Head (LBA 27-24) Register
The Driver/Head register is located at address 1F6h [176h], offset 6h.
The Drive/Head register is used to select the drive and head. It is also used to select LBA
addressing instead of cylinder/head/sector addressing. The bits are defined in Table 44
9.8.1
Bit 7
This bit is set to ‘1’.
9.8.2
Bit 6 (LBA)
LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address Mode
(LBA). When LBA is set to ‘0’, Cylinder/Head/Sector mode is selected. When LBA is set
to’1’, Logical Block Address is selected. In Logical Block Mode, the Logical Block Address is
interpreted as follows:
●
LBA7-LBA0: Sector Number Register D7 to D0
●
LBA15-LBA8: Cylinder Low Register D7 to D0
●
LBA23-LBA16: Cylinder High Register D7 to D0
●
LBA27-LBA24: Drive/Head Register bits HS3 to HS0
9.8.3
Bit 5
This bit is set to ‘1’.
9.8.4
Bit 4 (DRV)
DRV is the drive number. When DRV is ‘0’, drive/card 0 is selected (Master). When DRV is
‘1’, drive/card 1 is selected (Slave). The Card is set to Card 0 or 1 using the copy field (Drive
#) of the PCMCIA Socket & Copy configuration register.
9.8.5
Bit 3 (HS3)
When operating in the Cylinder, Head, Sector mode, this is bit 3 of the head number. It is bit
27 in the Logical Block Address mode.
9.8.6
Bit 2 (HS2)
When operating in the Cylinder, Head, Sector mode, this is bit 2 of the head number. It is bit
26 in the Logical Block Address mode.
9.8.7
Bit 1 (HS1)
When operating in the Cylinder, Head, Sector mode, this is bit 1 of the head number. It is Bit
25 in the Logical Block Address mode.
9.8.8
Bit 0 (HS0)
When operating in the Cylinder, Head, Sector mode, this is bit 0 of the head number. It is Bit
24 in the Logical Block Address mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com