Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT256JST Datasheet(PDF) 84 Page - STMicroelectronics

Part # M58LT256JST
Description  256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT256JST Datasheet(HTML) 84 Page - STMicroelectronics

Back Button M58LT256JST Datasheet HTML 80Page - STMicroelectronics M58LT256JST Datasheet HTML 81Page - STMicroelectronics M58LT256JST Datasheet HTML 82Page - STMicroelectronics M58LT256JST Datasheet HTML 83Page - STMicroelectronics M58LT256JST Datasheet HTML 84Page - STMicroelectronics M58LT256JST Datasheet HTML 85Page - STMicroelectronics M58LT256JST Datasheet HTML 86Page - STMicroelectronics M58LT256JST Datasheet HTML 87Page - STMicroelectronics M58LT256JST Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
Common Flash Interface
M58LT256JST, M58LT256JSB
84/106
1.
The variable P is a pointer which is defined at CFI offset 015h.
2.
Bank regions. There are two bank regions, see Tables 29 to 34.
3.
Although the device supports Page Read mode, this is not described in the datasheet as its use is not
advantageous in a multiplexed device.
(P+30)h = 13Ah
02h
(P+30)h = 13Ah
02h
Bank region 1 (Erase Block type 1): bits per cell,
internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
Bits 5-7: reserved
(P+31)h = 13Bh
03h
(P+31)h = 13Bh
03h
Bank region 1 (Erase Block type 1): page mode
and synchronous mode capabilities
Bit 0: page-mode reads permitted
Bit 1: synchronous reads permitted
Bit 2: synchronous writes permitted
Bits 3-7: reserved
(P+32)h = 13Ch
0Eh
Bank region 1 Erase Block type 2 information
Bits 0-15: n+1 = number of identical-sized
erase blocks
Bits 16-31: n × 256 = number of bytes in erase
block region
(P+33)h = 13Dh
00h
(P+34)h = 13Eh
00h
(P+35)h = 13Fh
02h
(P+36)h = 140h
64h
Bank region 1 (Erase Block type 2)
Minimum block erase cycles × 1000
(P+37)h = 141h
00h
(P+38)h = 142h
02h
Bank regions 1 (Erase Block Type 2): bits per cell,
internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
Bits 5-7: reserved
(P+39)h = 143h
03h
Bank region 1 (Erase Block Type 2): page mode
and synchronous mode capabilities
Bit 0: page-mode reads permitted
Bit 1: synchronous reads permitted
Bit 2: synchronous writes permitted
Bits 3-7: reserved
Table 43.
Bank and Erase block region 1 information (continued)
M58LT256JST
M58LT256JSB
Description
Offset
Data
Offset
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com