Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT256JST Datasheet(PDF) 103 Page - STMicroelectronics

Part # M58LT256JST
Description  256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT256JST Datasheet(HTML) 103 Page - STMicroelectronics

Back Button M58LT256JST Datasheet HTML 98Page - STMicroelectronics M58LT256JST Datasheet HTML 99Page - STMicroelectronics M58LT256JST Datasheet HTML 100Page - STMicroelectronics M58LT256JST Datasheet HTML 101Page - STMicroelectronics M58LT256JST Datasheet HTML 102Page - STMicroelectronics M58LT256JST Datasheet HTML 103Page - STMicroelectronics M58LT256JST Datasheet HTML 104Page - STMicroelectronics M58LT256JST Datasheet HTML 105Page - STMicroelectronics M58LT256JST Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
M58LT256JST, M58LT256JSB
Command interface state tables
103/106
Table 48.
Command interface states - lock table, next output state (1) (2)
Current CI State
Command Input
Protect/CR
Setup(3)(6
0h)
Blank
Check setup
(BCh)
OTP
Setup(3)
(C0h)
Blank Check
confirm
(CBh)
Block
Protect
Confirm
(01h)
Set CR
Confirm
(03h)
BEFP
Exit(4)
(FFFFh)
Illegal
Command
(5)
P. E./C.
Operation
Completed
Program Setup
Status Register
Output
Unchanged
Erase Setup
OTP Setup
Program in Erase Suspend
BEFP Setup
BEFP Busy
Buffer Program Setup
Buffer Program Load 1
Buffer Program Load 2
Buffer Program Confirm
Buffer Program Setup in Erase
Suspend
Buffer Program Load 1 in Erase
Suspend
Buffer Program Load 2 in Erase
Suspend
Buffer Program Confirm in Erase
Suspend
Blank Check setup
Protect/CR Setup
Status Register
Array
Status Register
Protect/CR Setup in Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com