Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-C/SO Datasheet(PDF) 28 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 28 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 24Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 25Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 26Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 27Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 28Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 29Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 30Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 31Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
ENC28J60
DS39662B-page 26
Preliminary
© 2006 Microchip Technology Inc.
4.2
SPI Instruction Set
The operation of the ENC28J60 depends entirely on
commands given by an external host controller over the
SPI interface. These commands take the form of
instructions, of one or more bytes, which are used to
access the control memory and Ethernet buffer spaces.
At the least, instructions consist of a 3-bit opcode,
followed by a 5-bit argument that specifies either a
register address or a data constant. Write and bit field
instructions are also followed by one or more bytes of
data.
A total of seven instructions are implemented on the
ENC28J60. Table 4-1 shows the command codes for
all operations.
TABLE 4-1:
SPI INSTRUCTION SET FOR THE ENC28J60
Instruction
Name and Mnemonic
Byte 0
Byte 1 and Following
Opcode
Argument
Data
Read Control Register
(RCR)
00
0aaa
aa
N/A
Read Buffer Memory
(RBM)
00
1110
10
N/A
Write Control Register
(WCR)
01
0aaa
aa
d
d
d
d
d
d
d
d
Write Buffer Memory
(WBM)
01
1110
10
d
d
d
d
d
d
d
d
Bit Field Set
(BFS)
10
0aaa
aa
d
d
d
d
d
d
d
d
Bit Field Clear
(BFC)
10
1aaa
aa
d
d
d
d
d
d
d
d
System Reset Command (Soft Reset)
(SRC)
11
1111
11
N/A
Legend: a = control register address, d = data payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com