Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-C/SO Datasheet(PDF) 14 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 14 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 10Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 11Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 12Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 13Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 14Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 15Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 16Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 17Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
ENC28J60
DS39662B-page 12
Preliminary
© 2006 Microchip Technology Inc.
3.1
Control Registers
The Control Registers provide the main interface
between the host controller and the on-chip Ethernet
controller logic. Writing to these registers controls the
operation of the interface, while reading the registers
allows the host controller to monitor operations.
The Control Register memory is partitioned into four
banks,
selectable
by
the
bank
select
bits
BSEL1:BSEL0 in the ECON1 register. Each bank is
32 bytes long and addressed by a 5-bit address value.
The last five locations (1Bh to 1Fh) of all banks point to a
common set of registers: EIE, EIR, ESTAT, ECON2 and
ECON1. These are key registers used in controlling and
monitoring the operation of the device. Their common
mapping allows easy access without switching the bank.
The ECON1 and ECON2 registers are discussed later in
this section.
Some of the available addresses are unimplemented.
Any attempts to write to these locations are ignored
while reads return ‘0’s. The register at address 1Ah in
each bank is reserved; read and write operations
should not be performed on this register. All other
reserved registers may be read, but their contents must
not be changed. When reading and writing to registers
which contain reserved bits, any rules stated in the
register definition should be observed.
Control registers for the ENC28J60 are generically
grouped as ETH, MAC and MII registers. Register
names starting with “E” belong to the ETH group.
Similarly, registers names starting with “MA” belong to
the MAC group and registers prefixed with “MI” belong
to the MII group.
TABLE 3-1:
ENC28J60 CONTROL REGISTER MAP
Bank 0
Bank 1
Bank 2
Bank 3
Address
Name
Address
Name
Address
Name
Address
Name
00h
ERDPTL
00h
EHT0
00h
MACON1
00h
MAADR5
01h
ERDPTH
01h
EHT1
01h
Reserved
01h
MAADR6
02h
EWRPTL
02h
EHT2
02h
MACON3
02h
MAADR3
03h
EWRPTH
03h
EHT3
03h
MACON4
03h
MAADR4
04h
ETXSTL
04h
EHT4
04h
MABBIPG
04h
MAADR1
05h
ETXSTH
05h
EHT5
05h
—
05h
MAADR2
06h
ETXNDL
06h
EHT6
06h
MAIPGL
06h
EBSTSD
07h
ETXNDH
07h
EHT7
07h
MAIPGH
07h
EBSTCON
08h
ERXSTL
08h
EPMM0
08h
MACLCON1
08h
EBSTCSL
09h
ERXSTH
09h
EPMM1
09h
MACLCON2
09h
EBSTCSH
0Ah
ERXNDL
0Ah
EPMM2
0Ah
MAMXFLL
0Ah
MISTAT
0Bh
ERXNDH
0Bh
EPMM3
0Bh
MAMXFLH
0Bh
—
0Ch
ERXRDPTL
0Ch
EPMM4
0Ch
Reserved
0Ch
—
0Dh
ERXRDPTH
0Dh
EPMM5
0Dh
Reserved
0Dh
—
0Eh
ERXWRPTL
0Eh
EPMM6
0Eh
Reserved
0Eh
—
0Fh
ERXWRPTH
0Fh
EPMM7
0Fh
—0Fh
—
10h
EDMASTL
10h
EPMCSL
10h
Reserved
10h
—
11h
EDMASTH
11h
EPMCSH
11h
Reserved
11h
—
12h
EDMANDL
12h
—
12h
MICMD
12h
EREVID
13h
EDMANDH
13h
—
13h
—
13h
—
14h
EDMADSTL
14h
EPMOL
14h
MIREGADR
14h
—
15h
EDMADSTH
15h
EPMOH
15h
Reserved
15h
ECOCON
16h
EDMACSL
16h
Reserved
16h
MIWRL
16h
Reserved
17h
EDMACSH
17h
Reserved
17h
MIWRH
17h
EFLOCON
18h
—
18h
ERXFCON
18h
MIRDL
18h
EPAUSL
19h
—
19h
EPKTCNT
19h
MIRDH
19h
EPAUSH
1Ah
Reserved
1Ah
Reserved
1Ah
Reserved
1Ah
Reserved
1Bh
EIE
1Bh
EIE
1Bh
EIE
1Bh
EIE
1Ch
EIR
1Ch
EIR
1Ch
EIR
1Ch
EIR
1Dh
ESTAT
1Dh
ESTAT
1Dh
ESTAT
1Dh
ESTAT
1Eh
ECON2
1Eh
ECON2
1Eh
ECON2
1Eh
ECON2
1Fh
ECON1
1Fh
ECON1
1Fh
ECON1
1Fh
ECON1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com