Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-C/SO Datasheet(PDF) 45 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 45 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 41Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 42Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 43Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 44Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 45Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 46Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 47Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 48Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 43
ENC28J60
7.2
Receiving Packets
7.2.1
ENABLING RECEPTION
Assuming that the receive buffer has been initialized,
the MAC has been properly configured and the receive
filters have been configured to receive Ethernet
packets, the host controller should:
1.
If an interrupt is desired whenever a packet is
received, set EIE.PKTIE and EIE.INTIE.
2.
If an interrupt is desired whenever a packet is
dropped due to insufficient buffer space, clear
EIR.RXERIF and set both EIE.RXERIE and
EIE.INTIE
3.
Enable reception by setting ECON1.RXEN.
After setting RXEN, the Duplex mode and the Receive
Buffer Start and End Pointers should not be modified.
Additionally, to prevent unexpected packets from arriv-
ing, it is recommended that RXEN be cleared before
altering the receive filter configuration (ERXFCON) and
MAC address.
After reception is enabled, packets which are not
filtered out will be written into the circular receive buffer.
Any packet which does not meet the necessary filter
criteria will be discarded and the host controller will not
have any means of identifying that a packet was thrown
away. When a packet is accepted and completely
written into the buffer, the EPKTCNT register will incre-
ment, the EIR.PKTIF bit will be set, an interrupt will be
generated (if enabled) and the Hardware Write Pointer,
ERXWRPT, will automatically advance.
7.2.2
RECEIVE PACKET LAYOUT
Figure 7-3 shows the layout of a received packet. The
packets are preceded by a six-byte header which
contains a Next Packet Pointer, in addition to a receive
status vector which contains receive statistics, includ-
ing the packet’s size. This receive status vector is
shown in Table 7-3.
If the last byte in the packet ends on an odd value
address, the hardware will automatically add a padding
byte when advancing the Hardware Write Pointer. As
such, all packets will start on an even boundary.
FIGURE 7-3:
SAMPLE RECEIVE PACKET LAYOUT
Low Byte
High Byte
rsv[7:0]
rsv[15:8]
data[m-3]
data[m-2]
data[m-1]
data[m]
Address
Memory
Description
1020h
1021h
1022h
1023h
106Ah
106Bh
106Ch
1059h
10h
6Eh
Next Packet Pointer
Packet Data: Destination Address,
Receive Status Vector
crc[31:24]
crc[23:16]
crc[15:8]
crc[7:0]
106Eh
Start of the Next Packet
rsv[23:16]
rsv[30:24]
1024h
1025h
data[1]
1026h
data[2]
1027h
status[7:0]
status[15:8]
status[23:16]
status[31:24]
106Dh
Byte Skipped to Ensure
Even Buffer Address
101Fh
End of the Previous Packet
Packet N – 1
Source Address, Type/Length, Data,
Padding, CRC
Packet N
Packet N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com