Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-C/SO Datasheet(PDF) 75 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 75 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 71Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 72Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 73Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 74Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 75Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 76Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 77Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 78Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 73
ENC28J60
14.0
POWER-DOWN
The ENC28J60 may be commanded to power-down
via the SPI interface. When powered down, it will no
longer be able to transmit and receive any packets.
To maximize power savings:
1.
Turn
off
packet
reception
by
clearing
ECON1.RXEN.
2.
Wait for any in-progress packets to finish being
received by polling ESTAT.RXBUSY. This bit
should be clear before proceeding.
3.
Wait for any current transmissions to end by
confirming ECON1.TXRTS is clear.
4.
Set ECON2.VRPS (if not already set).
5.
Enter Sleep by setting ECON2.PWRSV. All
MAC,
MII
and
PHY
registers
become
inaccessible as a result. Setting PWRSV also
clears ESTAT.CLKRDY automatically.
In Sleep mode, all registers and buffer memory will
maintain their states. The ETH registers and buffer
memory will still be accessible by the host controller.
Additionally, the clock driver will continue to operate.
The
CLKOUT
function
will
be
unaffected
(see
Section 2.3 “CLKOUT Pin”).
When normal operation is desired, the host controller
must perform a slightly modified procedure:
1.
Wake-up by clearing ECON2.PWRSV.
2.
Wait at least 300
μs for the PHY to stabilize. To
accomplish the delay, the host controller may
poll ESTAT.CLKRDY and wait for it to become
set.
3.
Restore
receive
capability
by
setting
ECON1.RXEN.
After leaving Sleep mode, there is a delay of many
milliseconds before a new link is established (assuming
an appropriate link partner is present). The host
controller may wish to wait until the link is established
before attempting to transmit any packets. The link
status
can
be
determined
by
polling
the
PHSTAT2.LSTAT bit. Alternatively, the link change
interrupt
may
be
used
if
it
is
enabled.
See
Section 12.1.5
“Link
Change
Interrupt
Flag
(LINKIF)” for additional details.
TABLE 14-1:
SUMMARY OF REGISTERS USED WITH POWER-DOWN
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
ESTAT
INT
BUFER
r
LATECOL
—
RXBUSY
TXABRT
CLKRDY
13
ECON2
AUTOINC PKTDEC
PWRSV
rVRPS
—
—
—13
ECON1
TXRST
RXRST
DMAST
CSUMEN
TXRTS
RXEN
BSEL1
BSEL0
13
Legend: — = unimplemented, read as ‘0’, r = reserved bit. Shaded cells are not used for power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com