Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-C/SO Datasheet(PDF) 63 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 63 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 59Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 60Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 61Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 62Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 63Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 64Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 65Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 66Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 61
ENC28J60
11.5
PHY Subsystem Reset
The PHY module may be reset by writing a ‘1’ to the
PRST bit in the PHCON1 register (Register 11-1). All
the PHY register contents will revert to their Reset
defaults.
Unlike other Resets, the PHY cannot be removed from
Reset immediately after setting PRST. The PHY
requires a delay, after which the hardware automati-
cally clears the PRST bit. After a Reset is issued, the
host controller should poll PRST and wait for it to
become clear before using the PHY.
REGISTER 11-1:
PHCON1: PHY CONTROL REGISTER 1
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
U-0
R/W-0
PRST
PLOOPBK
—
—
PPWRSV
r
—
PDPXMD
bit 15
bit 8
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
r
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PRST: PHY Software Reset bit
1
= PHY is processing a Software Reset (automatically resets to ‘0’ when done)
0
= Normal operation
bit 14
PLOOPBK: PHY Loopback bit
1
= All data transmitted will be returned to the MAC. The twisted-pair interface will be disabled.
0
= Normal operation
bit 13-12
Unimplemented: Read as ‘0’
bit 11
PPWRSV: PHY Power-Down bit
1
= PHY is shut down
0
= Normal operation
bit 10
Reserved: Maintain as ‘0’
bit 9
Unimplemented: Read as ‘0’
bit 8
PDPXMD: PHY Duplex Mode bit
1
= PHY operates in Full-Duplex mode
0
= PHY operates in Half-Duplex mode
bit 7
Reserved: Maintain as ‘0’
bit 6-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com