Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541J/N2 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDF8541J/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541J/N2 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDF8541J/N2 Datasheet HTML 42Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 43Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 44Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 45Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 46Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 47Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 48Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 49Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
46 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
13.2 Beep input
Circuit to amplify the beep signal from the microcontroller to all four amplifiers with gain
set to 0 dB.
13.3 Clip detection on pin STB
14. Test information
14.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q100 - Failure mechanism based stress test qualification for integrated
circuits, and is suitable for use in automotive applications.
Fig 30. Beep input circuit
TDF8541
2.2 μF
ACGND
1.7 kΩ
from microcontroller
100 Ω
0.22 μF
47 pF
001aan096
Fig 31. Circuit for testing clip detection on pin STB
4.7 kΩ
18 kΩ
10 kΩ
switch
10 kΩ
8.5 V
3.3 V
TDF8541
MICRO-
CONTROLLER
STB
001aan739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com