Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541J/N2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8541J/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541J/N2 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8541J/N2 Datasheet HTML 1Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 2Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 3Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 4Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 5Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 6Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 7Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 8Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1.
General description
The TDF8541 is one of a new generation of complementary quad Bridge-Tied Load (BTL)
audio power amplifiers intended for automotive applications. It has full I2C-bus controlled
diagnostics, including start-up diagnostics. The TDF8541 can operate at a battery voltage
as low as 6 V making this amplifier suitable for stop/start-car operation.
The amplifier uses a complementary DMOS output stage in a Silicon-On-Insulator (SOI)-
based BCD process. The DMOS output stage ensures a high power output signal with
perfect sound quality. The SOI-based BCD process ensures a robust amplifier, where
latch-up cannot occur, with good separation between the four independent channels, with
every component isolated and without substrate currents.
2.
Features and benefits
 Stop/start-car prepared: keeps operating without audible disturbance during engine
start at a battery voltage as low as 6 V
 Operates in either legacy (non I2C-bus) or I2C-bus modes (3.3 V and 5 V compliant)
 Four hardware-programmable I2C-bus addresses
 Can drive 2
 and 4  loads
 Speaker fault detection
 Start-up diagnostics with load detection: open, short, present; filtered for door-slam
and chatter relays
 AC load (tweeter) detection with low and high current mode
 Gain select after start-up without audible disturbance
 Independent selectable soft mute of front and rear channels
 Programmable gain (26 dB and 16 dB), independently programmable for the front and
rear channels
 Line driver mode supports engine start at a battery voltage as low as 6 V (16 dB and
mid-tap voltage 0.25VP)
 Programmable clip detect: 2 %, 5 % or 10 %
 Programmable thermal pre-warning
 Pin STB can be programmed/multiplexed with second-clip detect
 Clip information of each channel can be directed separately to pin DIAG or pin STB
 Independent enabling of thermal- , clip- or load fault information (short across the load
or to VP or to ground) on pin DIAG
 Loss-of-ground and open VP safe (minimum series resistance required)
 All amplifier outputs short-circuit proof to ground, supply voltage and across the load
(channel independent)
 All pins short-circuit proof to ground
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Rev. 3 — 13 December 2011
Product data sheet


Similar Part No. - TDF8541J/N2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
More results

Similar Description - TDF8541J/N2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
NXP Semiconductors
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com