Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541J/N2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF8541J/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541J/N2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF8541J/N2 Datasheet HTML 4Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 5Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 6Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 7Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 8Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 9Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 10Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
8 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
During start-up, the amplifier cannot distinguish between a short to ground or a speaker
fault. If there is a speaker fault during start-up, the amplifier enters protection mode and
switches off that channel.
If the amplifier starts and a speaker fault occurs, the amplifier only sets the speaker fault
detection bits. A speaker fault is a double-fault condition where one side of the speaker is
connected to ground or supply and the other side of the speaker is connected to an
output. The other output of the channel is left open.
If the amplifier is switched off by I2C-bus (IB1[D0] = 0) the soft mute is activated and the
capacitor on pin SVR is discharged. If the amplifier is switched off in legacy mode,
pin STB must be set to mute for 50 ms to ensure a low switch-off plop and then pin STB
can be set to ground which discharges the SVR capacitor.
If the amplifier is switched off by pulling pin STB LOW, the amplifier is muted (fast mute)
and then the capacitor on pin SVR is discharged. This fast mute can be used in I2C-bus
and legacy mode, when for instance an external engine start detection is used.
Fig 4.
Start-up and shut-down in I2C-bus mode
twake
td(fast-mute)
td(mute-off)
toff
tamp-on
VP
DIAG
STB
SVR
amplifier
output
DB2[D7]
POR
IB1[D0]
start enable
001aam685



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com