Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541J/N2 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # TDF8541J/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541J/N2 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button TDF8541J/N2 Datasheet HTML 46Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 47Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 48Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 49Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 50Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 51Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 52Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 53Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
© NXP B.V. 2011.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 13 December 2011
Document identifier: TDF8541
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
20. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
3
Quick reference data . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6
7
Functional description . . . . . . . . . . . . . . . . . . . 7
7.1
Start-up and shut down sequence . . . . . . . . . . 7
7.2
Engine start and low voltage operation. . . . . . . 9
7.3
Power-on reset and supply voltage spikes . . . 10
7.4
Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7.4.1
Output protection and short-circuit protection. 10
7.4.2
Loss-of-ground/loss of VP . . . . . . . . . . . . . . . . 11
7.4.3
Speaker fault detection . . . . . . . . . . . . . . . . . . 12
7.4.4
Overvoltage warning and load dump
protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
7.4.5
Thermal pre-warning and thermal protection . 13
7.5
Diagnostics . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7.5.1
Start-up diagnostics with DC load detection . . 14
7.5.2
DC offset detection . . . . . . . . . . . . . . . . . . . . . 17
7.5.3
AC load detection . . . . . . . . . . . . . . . . . . . . . . 18
7.5.4
Distortion clip detection . . . . . . . . . . . . . . . . . 20
7.6
Line driver mode and low gain mode . . . . . . . 20
7.7
I2C-bus, legacy mode and address select pin 21
7.7.1
Address select (pin ADSEL) . . . . . . . . . . . . . . 21
7.7.2
Legacy mode (RADSEL < 470 W). . . . . . . . . . . 21
7.7.3
I2C-bus mode . . . . . . . . . . . . . . . . . . . . . . . . . 21
7.7.4
I2C-bus diagnostic bits read-out/cleared
after read . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
7.8
Amplifier combined with a DC-to-DC
converter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8
I2C-bus specification . . . . . . . . . . . . . . . . . . . . 22
8.1
I2C-bus instruction bytes. . . . . . . . . . . . . . . . . 23
8.2
I2C-bus data bytes . . . . . . . . . . . . . . . . . . . . . 27
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 31
10
Thermal characteristics . . . . . . . . . . . . . . . . . 32
11
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 32
12
Performance diagrams . . . . . . . . . . . . . . . . . . 39
13
Application information. . . . . . . . . . . . . . . . . . 44
13.1
Application PCB layout . . . . . . . . . . . . . . . . . . 45
13.2
Beep input . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
13.3
Clip detection on pin STB . . . . . . . . . . . . . . . . 46
14
Test information . . . . . . . . . . . . . . . . . . . . . . . . 46
14.1
Quality information . . . . . . . . . . . . . . . . . . . . . 46
15
Package outline. . . . . . . . . . . . . . . . . . . . . . . . 47
16
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 51
17
Revision history . . . . . . . . . . . . . . . . . . . . . . . 51
18
Legal information . . . . . . . . . . . . . . . . . . . . . . 52
18.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 52
18.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
18.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 52
18.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 53
19
Contact information . . . . . . . . . . . . . . . . . . . . 53
20
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com