Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541J/N2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDF8541J/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541J/N2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDF8541J/N2 Datasheet HTML 2Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 3Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 4Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 5Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 6Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 7Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 8Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 9Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
6 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
TDF8541J/SD/JS
TDF8541TH
ADSEL
1
10
I2C-bus address select
STB
2
11
stand-by (I2C-bus mode) or mode pin (legacy mode)
programmable second clip indicator
PGND2
3
14
channel 2 power ground
OUT2
4
15
channel 2 negative output (right rear)
DIAG
5
9
diagnostic and clip detection output
OUT2+
6
13
channel 2 positive output (right rear)
VP2
7
16
power supply voltage 2
OUT1
8
18
channel 1 negative output (right front)
PGND1
9
23
channel 1 power ground
OUT1+
10
17
channel 1 positive output (right front)
SVR
11
24
half supply voltage filter capacitor
IN1
12
25
channel 1 input
IN2
13
26
channel 2 input
SGND
14
27
signal ground
IN4
15
28
channel 4 input
IN3
16
29
channel 3 input
ACGND
17
30
AC ground
OUT3+
18
2
channel 3 positive output (left front)
PGND3
19
32
channel 3 power ground
OUT3
20
1
channel 3 negative output (left front)
VP1
21
3
power supply voltage 1
OUT4+
22
6
channel 4 positive output (left rear)
SCL
23
7
I2C-bus clock input
OUT4
24
4
channel 4 negative output (left rear)
PGND4
25
5
channel 4 power ground
SDA
26
8
I2C-bus data input and output
TAB
27
36
heatsink connection; must be connected to ground
n.c.
-
12, 19, 20,
21, 22, 31,
33, 34, 35
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com