Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2458-I/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC18F2458-I/ML
Description  28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2458-I/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC18F2458-I/ML Datasheet HTML 22Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 23Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 24Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 25Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 26Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 27Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 28Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 29Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
PIC18F2458/2553/4458/4553
DS39887B-page 24
Preliminary
© 2007 Microchip Technology Inc.
2.1
A/D Acquisition Requirements
For the A/D Converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 2-3. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD). The
source impedance affects the offset voltage at the ana-
log input (due to pin leakage current). The maximum
recommended impedance for analog sources is
2.5 k
Ω. After the analog input channel is selected
(changed), the channel must be sampled for at least
the minimum acquisition time before starting a
conversion.
To calculate the minimum acquisition time, Equation 2-1
may be used. This equation assumes that 1/2 LSb error
is used (4096 steps for the 12-bit A/D). The 1/2 LSb error
is the maximum error allowed for the A/D to meet its
specified resolution.
Example 2-3 shows the calculation of the minimum
required acquisition time, TACQ. This calculation is
based
on
the
following
application
system
assumptions:
CHOLD
=
25 pF
Rs
=
2.5 k
Ω
Conversion Error
≤
1/2 LSb
VDD
=3V
→ Rss = 4 kΩ
Temperature
=
85
°C (system max.)
EQUATION 2-1:
ACQUISITION TIME
EQUATION 2-2:
A/D MINIMUM CHARGING TIME
EQUATION 2-3:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
Note:
When the conversion is started, the
holding capacitor is disconnected from the
input pin.
TACQ
=
Amplifier Settling Time + Holding Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD
=
(VREF – (VREF/4096)) • (1 – e(-TC/CHOLD(RIC + RSS + RS)))
or
TC
=
-(CHOLD)(RIC + RSS + RS) ln(1/4096)
TACQ
=TAMP + TC + TCOFF
TAMP
=0.2 µs
TCOFF
=
(Temp – 25
°C)(0.02 µs/°C)
(85
°C – 25°C)(0.02 µs/°C)
1.2 µs
Temperature coefficient is only required for temperatures > 25
°C. Below 25°C, TCOFF = 0 µs.
TC
=
-(CHOLD)(RIC + RSS + RS) ln(1/4096) µs
-(25 pF) (1 k
Ω + 4 kΩ + 2.5 kΩ) ln(0.0002441) µs
1.56 µs
TACQ
=
0.2 µs + 1.56
μs + 1.2 µs
2.96 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com