Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2458-I/ML Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC18F2458-I/ML
Description  28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2458-I/ML Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC18F2458-I/ML Datasheet HTML 26Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 27Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 28Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 29Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 30Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 31Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 32Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 33Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
PIC18F2458/2553/4458/4553
DS39887B-page 28
Preliminary
© 2007 Microchip Technology Inc.
2.8
Use of the CCP2 Trigger
An A/D conversion can be started by the Special Event
Trigger of the CCP2 module. This requires that the
CCP2M3:CCP2M0 bits (CCP2CON<3:0>) be pro-
grammed as ‘1011’ and that the A/D module is enabled
(ADON bit is set). When the trigger occurs, the GO/
DONE bit will be set, starting the A/D acquisition and
conversion, and the Timer1 (or Timer3) counter will be
reset to zero. Timer1 (or Timer3) is reset to automatically
repeat the A/D acquisition period with minimal software
overhead (firmware must move ADRESH:ADRESL to
the desired location). The appropriate analog input
channel must be selected and the minimum acquisition
period is either timed by the user, or an appropriate TACQ
time selected before the Special Event Trigger sets the
GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), the
Special Event Trigger will be ignored by the A/D
module, but will still reset the Timer1 (or Timer3)
counter.
TABLE 2-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
(4)
PIR1
SPPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
(4)
PIE1
SPPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
(4)
IPR1
SPPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
(4)
PIR2
OSCFIF
CMIF
USBIF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
(4)
PIE2
OSCFIE
CMIE
USBIE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
(4)
IPR2
OSCFIP
CMIP
USBIP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
(4)
ADRESH
A/D Result Register High Byte
(4)
ADRESL
A/D Result Register Low Byte
(4)
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
19
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
20
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
21
PORTA
—RA6(2)
RA5
RA4
RA3
RA2
RA1
RA0
(4)
TRISA
—
TRISA6(2) PORTA Data Direction Control Register
(4)
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
(4)
TRISB
PORTB Data Direction Control Register
(4)
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
(4)
PORTE(1)
RDPU
—
—
—RE3(3)
RE2(1)
RE1(1)
RE0(1)
(4)
TRISE(1)
—
—
—
—
—
TRISE2
TRISE1
TRISE0
(4)
LATE(1)
—
—
—
—
—
PORTE Data Latch Register
(4)
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1: These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’.
2:
RA6 and its associated latch and data direction bits are enabled as I/O pins based on oscillator configuration;
otherwise, they are read as ‘0’.
3: RE3 port bit is available only as an input pin when the MCLRE Configuration bit is ‘0’.
4: For these Reset values, see the “PIC18F2455/2550/4455/4550 Data Sheet”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com