Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2458-I/ML Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC18F2458-I/ML
Description  28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2458-I/ML Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC18F2458-I/ML Datasheet HTML 24Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 25Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 26Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 27Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 28Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 29Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 30Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 31Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
PIC18F2458/2553/4458/4553
DS39887B-page 26
Preliminary
© 2007 Microchip Technology Inc.
2.4
Operation in Power-Managed
Modes
The selection of the automatic acquisition time and A/D
conversion clock is determined in part by the clock
source and frequency while in a power-managed mode.
If the A/D is expected to operate while the device is in
a power-managed mode, the ADCS2:ADCS0 bits in
ADCON2 should be updated in accordance with the
clock source to be used. The ACQT2:ACQT0 bits do
not need to be adjusted as the ADCS2:ADCS0 bits
adjust the TAD time for the new clock speed. After
entering the mode, an A/D acquisition or conversion
may be started. Once started, the device should
continue to be clocked by the same clock source until
the conversion has been completed.
If desired, the device may be placed into the
corresponding Idle mode during the conversion. If the
device clock frequency is less than 1 MHz, the A/D RC
clock source should be selected.
Operation in Sleep mode requires the A/D FRC clock to
be selected. If bits ACQT2:ACQT0 are set to ‘000’ and
a conversion is started, the conversion will be delayed
one instruction cycle to allow execution of the SLEEP
instruction and entry to Sleep mode. The IDLEN bit
(OSCCON<7>) must have already been cleared prior
to starting the conversion.
2.5
Configuring Analog Port Pins
The ADCON1, TRISA, TRISB and TRISE registers all
configure the A/D port pins. The port pins needed as
analog inputs must have their corresponding TRIS bits
set (input). If the TRIS bit is cleared (output), the digital
output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
CHS3:CHS0 bits and the TRIS bits.
Note 1: When reading the PORT register, all pins
configured as analog input channels will
read as cleared (a low level). Analog con-
version on pins configured as digital pins
can be performed. The voltage on the pin
will be accurately converted.
2: Analog levels on any pin defined as a dig-
ital input may cause the digital input buffer
to consume current out of the device’s
specification limits.
3: The
PBADEN
bit
in
Configuration
Register 3H configures PORTB pins to
reset as analog or digital pins by control-
ling how the PCFG3:PCFG0 bits in
ADCON1 are reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com