Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2458-I/ML Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F2458-I/ML
Description  28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2458-I/ML Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F2458-I/ML Datasheet HTML 28Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 29Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 30Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 31Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 32Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 33Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 34Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 35Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
PIC18F2458/2553/4458/4553
DS39887B-page 30
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 3-1:
DEVID1: DEVICE ID REGISTER 1 FOR PIC18F2458/2553/4458/4553 DEVICES
RR
R
R
R
R
R
R
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 7
bit 0
Legend:
R = Read-only bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-5
DEV2:DEV0: Device ID bits
See Register 3-2 for a complete listing.
bit 4-0
REV3:REV0: Revision ID bits
These bits are used to indicate the device revision.
REGISTER 3-2:
DEVID2: DEVICE ID REGISTER 2 FOR PIC18F2458/2553/4458/4553 DEVICES
RR
R
R
R
R
R
R
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
bit 7
bit 0
Legend:
R = Read-only bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
bit 7-0
DEV10:DEV3: Device ID bits
DEV10:DEV3
(DEVID2<7:0>)
DEV2:DEV0
(DEVID1<7:5>)
Device
0010 1010
011
PIC18F2458
0010 1010
010
PIC18F2553
0010 1010
001
PIC18F4458
0010 1010
000
PIC18F4553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com