Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2458-I/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18F2458-I/ML
Description  28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2458-I/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18F2458-I/ML Datasheet HTML 32Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 33Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 34Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 35Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 36Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 37Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 38Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 39Page - Microchip Technology PIC18F2458-I/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
PIC18F2458/2553/4458/4553
DS39887B-page 34
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 4-3:
A/D CONVERSION TIMING
TABLE 4-2:
A/D CONVERSION REQUIREMENTS
131
130
132
BSF ADCON0, GO
Q4
A/D CLK(1)
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(Note 2)
11
10
9
3
2
1
Note 1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.
This allows the SLEEP instruction to be executed.
2:
This is a minimal RC delay (typically 100 ns), which also disconnects the holding capacitor from the analog input.
. . .
. . .
TCY
0
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
130
TAD
A/D Clock Period
PIC18FXXXX
0.8
12.5(1)
μsTOSC based, VREF ≥ 3.0V
PIC18LFXXXX
1.4
25.0(1)
μsVDD = 3.0V;
TOSC based, VREF full range
PIC18FXXXX
—
1
μs
A/D RC mode
PIC18LFXXXX
—
3
μsVDD = 3.0V; A/D RC mode
131
TCNV
Conversion Time
(not including acquisition time)(2)
13
14
TAD
132
TACQ
Acquisition Time(3)
1.4
—
μs
135
TSWC
Switching Time from Convert
→ Sample
—
(Note 4)
137
TDIS
Discharge Time
0.2
—
μs
Note 1: The time of the A/D clock period is dependent on the device frequency and the TAD clock divider.
2: ADRES registers may be read on the following TCY cycle.
3: The time for the holding capacitor to acquire the “New” input voltage when the voltage changes full scale
after the conversion (VDD to VSS or VSS to VDD). The source impedance (RS) on the input channels is 50
Ω.
4: On the following cycle of the device clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com