Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 34Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 35Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 36Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 37Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 38Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 39Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 40Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 41Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 202 page
background image
PIC16F688
DS41203C-page 36
© 2007 Microchip Technology Inc.
4.2.4
ULTRA LOW-POWER WAKE-UP
The Ultra Low-Power Wake-up (ULPWU) on RA0
allows a slow falling voltage to generate an interrupt-
on-change on RA0 without excess current consump-
tion. The mode is selected by setting the ULPWUE bit
of the PCON register. This enables a small current sink
which can be used to discharge a capacitor on RA0.
To use this feature, the RA0 pin is configured to output
‘1’ to charge the capacitor, interrupt-on-change for RA0
is enabled, and RA0 is configured as an input. The
ULPWUE bit is set to begin the discharge and a SLEEP
instruction is performed. When the voltage on RA0
drops below VIL, an interrupt will be generated which
will cause the device to wake-up. Depending on the
state of the GIE bit of the INTCON register, the device
will either jump to the interrupt vector (0004h) or
execute the next instruction when the interrupt event
occurs.
See
Section 4.2.3
“INTERRUPT-ON-
CHANGE” and Section 11.3.3 “PORTA Interrupt” for
more information.
This feature provides a low-power technique for
periodically waking up the device from Sleep. The
time-out is dependent on the discharge time of the RC
circuit on RA0. See Example 4-2 for initializing the
Ultra Low-Power Wake-up module.
The series resistor provides overcurrent protection for
the RA0 pin and can allow for software calibration of the
time-out. (see Figure 4-1). A timer can be used to
measure the charge time and discharge time of the
capacitor. The charge time can then be adjusted to
provide the desired interrupt delay. This technique will
compensate for the affects of temperature, voltage and
component accuracy. The Ultra Low-Power Wake-up
peripheral can also be configured as a simple
programmable low voltage detect or temperature sensor.
EXAMPLE 4-2:
ULTRA LOW-POWER
WAKE-UP INITIALIZATION
Note:
For more information, refer to Application
Note AN879, “Using the Microchip Ultra
Low-Power
Wake-up
Module”
(DS00879).
BANKSEL
PORTA
;
BSF
PORTA,0
;Set RA0 data latch
MOVLW
H’7’
;Turn off
MOVWF
CMCON0
; comparators
BANKSEL
ANSEL
;
BCF
ANSEL,0
;RA0 to digital I/O
BANKSEL
TRISA
;
BCF
TRISA,0
;Output high to
CALL
CapDelay
; charge capacitor
BSF
PCON,ULPWUE ;Enable ULP Wake-up
BSF
IOCA,0
;Select RA0 IOC
BSF
TRISA,0
;RA0 to input
MOVLW
B’10001000’ ;Enable interrupt
MOVWF
INTCON
; and clear flag
SLEEP
;Wait for IOC
NOP
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com