Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/STQTP Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F688-E/STQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 10Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 11Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 12Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 13Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 14Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 15Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 16Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 17Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 202 page
background image
PIC16F688
DS41203D-page 12
© 2007 Microchip Technology Inc.
TABLE 2-4:
PIC16F688 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Page
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20, 117
181h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
14, 117
182h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19, 117
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
13, 117
184h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
20, 117
185h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
33, 117
186h
—
Unimplemented
—
—
187h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
42, 117
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
19, 117
18Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF(2)
0000 000x
15, 117
18Ch
—
Unimplemented
—
—
18Dh
—
Unimplemented
—
—
190h
—
Unimplemented
—
—
191h
—
Unimplemented
—
—
192h
—
Unimplemented
—
—
193h
—
Unimplemented
—
—
194h
—
Unimplemented
—
—
195h
—
Unimplemented
—
—
196h
—
Unimplemented
—
—
19Ah
—
Unimplemented
—
—
19Bh
—
Unimplemented
—
—
199h
—
Unimplemented
—
—
19Ah
—
Unimplemented
—
—
19Bh
—
Unimplemented
—
—
19Ch
—
Unimplemented
—
—
19Dh
—
Unimplemented
—
—
19Eh
—
Unimplemented
—
—
19Fh
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset does not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the
mismatched exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com